Electronic Components Datasheet Search
  English  ▼

X  

AN3116 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3116
Description  STM32?™?s ADC modes and their applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3116 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3116 Datasheet HTML 2Page - STMicroelectronics AN3116 Datasheet HTML 3Page - STMicroelectronics AN3116 Datasheet HTML 4Page - STMicroelectronics AN3116 Datasheet HTML 5Page - STMicroelectronics AN3116 Datasheet HTML 6Page - STMicroelectronics AN3116 Datasheet HTML 7Page - STMicroelectronics AN3116 Datasheet HTML 8Page - STMicroelectronics AN3116 Datasheet HTML 9Page - STMicroelectronics AN3116 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Independent modes
AN3116
6/18
Doc ID 16840 Rev 1
Figure 3.
Multichannel, single conversion mode
1.2.2
Example of application
This mode can be used when starting a system depends on some parameters like knowing
the coordinates of the arm’s tip in a manipulator arm system. In this case, you have to read
the position of each articulation in the manipulator arm system at power-on to determine the
coordinates of the arm’s tip.
This mode can also be used to make single measurements of multiple signal levels (voltage,
pressure, temperature, etc.) to decide if the system can be started or not in order to protect
the people and equipment.
It can likewise be used to convert signals coming from strain gauges to determine the
directions and values of the different strains and deformations of an object.
1.3
Single-channel continuous conversion mode
1.3.1
Description
The single-channel continuous conversion mode converts a single channel continuously
and indefinitely in regular channel conversion.
The continuous mode feature allows the ADC to work in the background. The ADC converts
the channels continuously without any intervention from the CPU. Additionally, the DMA can
be used in circular mode, thus reducing the CPU load.
Note:
An example of firmware is provided with this application note: SingleChannelContinuous.
The example uses two methods: DMA and interrupts. To select either method, simply
comment or uncomment #define USE_DMA_Transfer in the main.c file.
Figure 4.
Single-channel, continuous conversion mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com