Electronic Components Datasheet Search
  English  ▼

X  

IS25LP016D-QLLE Datasheet(PDF) 28 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-QLLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-QLLE Datasheet(HTML) 28 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-QLLE Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 32Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
28
Rev. B10
03/09/2020
8.1 NORMAL READ OPERATION (NORD, 03h)
The NORMAL READ (NORD) instruction is used to read memory contents at a maximum frequency of 50MHz.
The NORD instruction code is transmitted via the SI line, followed by three address bytes (A23 - A0) of the first
memory location to be read. A total of 24 address bits are shifted in, but only AVMSB (Valid Most Significant Bit) - A0
are decoded. The remaining bits (A23
– AVMSB+1) are ignored. The first byte addressed can be at any memory
location. Upon completion, any data on the SI will be ignored. Refer to Table 8.2 for the related Address Key.
The first byte data (D7 - D0) is shifted out on the SO line, MSB first. A single byte of data, or up to the whole memory
array, can be read out in one NORMAL READ instruction. The address is automatically incremented by one after
each byte of data is shifted out. The read operation can be terminated at any time by driving CE# high (VIH) after
the data comes out. When the highest address of the device is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read in one continuous READ instruction.
If the NORMAL READ instruction is issued while an Erase, Program or Write operation is in process (WIP=1) the
instruction is ignored and will not have any effects on the current operation.
Table 8.2 Address Key
Valid Address
16Mb
AVMSB
–A0
A20-A0 (A23-A21=X)
Note:
X=Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com