Electronic Components Datasheet Search
  English  ▼

X  

IS25LP016D-QLLE Datasheet(PDF) 70 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-QLLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-QLLE Datasheet(HTML) 70 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-QLLE Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 74Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
70
Rev. B10
03/09/2020
8.31 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h)
The Read Device Manufacturer and Device ID (RDMDID) instruction allows the user to read the Manufacturer and
product ID of devices. Refer to Table 8.5 Product Identification for Manufacturer ID and Device ID. The RDMDID
instruction code is followed by two dummy bytes and one byte address (A7~A0), each bit being latched-in on SI
during the rising edge of SCK. If one byte address is initially set as A0 = 0, then the Manufacturer ID is shifted out
on SO with the MSB first followed by the Device ID (ID7- ID0). Each bit is shifted out during the falling edge of SCK.
If one byte address is initially set as A0 = 1, then Device ID will be read first followed by the Manufacturer ID. The
Manufacturer and Device ID can be read continuously alternating between the two until CE# is driven high.
Figure 8.54 RDMDID (Read Product Identification) Sequence In SPI Mode
Instruction = 90h
Manufacturer ID
(MF7-MF0)
CE #
SCK
SI
Device ID
(ID7-ID0)
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3-byte Address
tV
Notes:
1. ADDRESS A0 = 0, will output the 1-byte Manufacturer ID (MF7-MF0)  1-byte Device ID (ID7-ID0)
ADDRESS A0 = 1, will output the 1-byte Device ID (ID7-ID0)  1-byte Manufacturer ID (MF7-MF0)
2. The Manufacturer and Device ID can be read continuously and will alternate from one to the other until CE# pin is
pulled high.
Figure 8.55 RDMDID (Read Product Identification) Sequence In QPI Mode
90h
CE#
SCK
IO[3:0]
3-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
19:16 15:12 11:8
7:4
3:0
tV
Instruction
Manufacturer
ID (MF7-MF0)
Device ID
(ID7-ID0)
Notes:
1. ADDRESS A0 = 0, will output the 1-byte Manufacturer ID (MF7-MF0)  1-byte Device ID (ID7-ID0)
ADDRESS A0 = 1, will output the 1-byte Device ID (ID7-ID0)  1-byte Manufacturer ID (MF7-MF0)
2.
The Manufacturer and Device ID can be read continuously and will alternate from one to the other until CE# pin is
pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com