Electronic Components Datasheet Search
  English  ▼

X  

XL710 Datasheet(PDF) 2 Page - Intel Corporation

Part # XL710
Description  Industry-leading, energy-efficient design for 10/40GbE performance and multi-core processors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

XL710 Datasheet(HTML) 2 Page - Intel Corporation

  XL710 Datasheet HTML 1Page - Intel Corporation XL710 Datasheet HTML 2Page - Intel Corporation XL710 Datasheet HTML 3Page - Intel Corporation XL710 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All Intel® Ethernet 700 Series Network Adapters
include these feature-rich technologies:
Flexible and Scalable I/O for Virtualized
Infrastructures
Intel® Virtualization Technology (Intel® VT), delivers
outstanding I/O performance in virtualized server
environments.
I/O bottlenecks are reduced through intelligent offloads
such as Virtual Machine Device Queues (VMDq) and
Flexible Port Partitioning, using SR-IOV with a common
Virtual Function driver for networking traffic per Virtual
Machine (VM), enabling near-native performance and
VM scalability. Host-based features supported include:
VMDq for Emulated Path: VMDq, enables a hypervisor
to represent a single network port as multiple network
ports that can be assigned to the individual VMs.
Traffic handling is offloaded to the network controller,
delivering the benefits of port partitioning with little to
no administrative overhead by the IT staff.
SR-IOV for Direct Assignment: Adapter-based
isolation and switching for various virtual station
instances enables optimal CPU usage in virtualized
environments.
• Up to 128 VFs, each VF can support a unique and
separate data path for I/O related functions within the
PCI Express* hierarchy.
• Use of SR-IOV with a networking device, for example,
allows the bandwidth of a single port (function) to be
partitioned into smaller slices that can be allocated to
specific VMs or guests, via a standard interface.
Intel® Ethernet Adaptive Virtual Function (Intel®
Ethernet AVF): A virtual function driver that eases
SR-IOV hardware upgrades or changes, and preserves
base mode functionality in hardware and software.
Customers deploying mass-scale VMs or containers
for their network infrastructure now have a common
Virtual Function (VF) driver. This driver supports a
Base Mode and advanced set of features on the Intel®
Ethernet 700 Series.
Enhanced Network Virtualization Overlays (NVO)
Network virtualization has changed the way networking
is done in the data center, delivering accelerations
across a wide range of tunneling methods.
VXLAN, GENEVE, NVGRE, MPLS, and VXLAN-GPE
with NSH Offloads: These stateless offloads preserve
application performance for overlay networks, and the
network traffic can be distributed across CPU cores,
increasing network throughput.
Flexible Port Partitioning (FPP)
FPP leverages the PCI-SIG SR-IOV specification. Virtual
controllers can be used by the Linux* host directly and/
or assigned to virtual machines.
• Assign up to 63 Linux host processes or virtual
machines per port to virtual functions.
• Control the partitioning of per port bandwidth across
multiple dedicated network resources, ensuring
balanced QoS by giving each assigned virtual controller
equal access to the ports bandwidth.
Network administrators can also rate limit each of
these services to control how much of the pipe is
available to each process.
Greater Intelligence and Performance for NFV and
Cloud deployments
DDynamic Device Personalization (DDP) customizable
packet filtering, along with enhanced Data Plane
Development Kit (DPDK), support advanced packet
forwarding and highly-efficient packet processing
for both Cloud and Network Functions Virtualization
(NFV) workloads.
• DDP enables workload-specific optimizations, using
the programmable packet-processing pipeline.
Additional protocols can be added to the default set
to improve packet processing efficiency that results
in higher throughput and reduced latency. With the
700 Series, new protocols can be added or modified
on-demand, and applied at run-time using Software
Defined Firmware or APIs, eliminating the need to
reset or reboot the server. This not only keeps the
server and VMs up, running, and computing, it also
increases performance for VNFs that process network
traffic that is not included in the default firmware.
Download DDP Profiles
• DPDK provides a programming framework for Intel®
processors and enables faster development of high-
speed data packet networking applications.
Advanced Traffic Steering
Intel® Ethernet Flow Director (Intel® Ethernet FD) is
an advanced traffic steering capability built into the
adapter. It consists of a large number of flow affinity
filters that direct receive packets by their flows to
queues for classification, load balancing, and matching
between flows and CPU cores.
Steering traffic into specific queues can eliminate
context switching required within the CPU. As a result,
Intel® Ethernet FD significantly increases the number of
transactions per second and reduces latency for cloud
applications like memcached.
22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com