Electronic Components Datasheet Search
  English  ▼

X  

XL710 Datasheet(PDF) 4 Page - Intel Corporation

Part # XL710
Description  Industry-leading, energy-efficient design for 10/40GbE performance and multi-core processors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

XL710 Datasheet(HTML) 4 Page - Intel Corporation

  XL710 Datasheet HTML 1Page - Intel Corporation XL710 Datasheet HTML 2Page - Intel Corporation XL710 Datasheet HTML 3Page - Intel Corporation XL710 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
No license (express or implied, by estoppel or otherwise) to any intellectual property rights is granted by this document. Intel disclaims all express and implied warranties, including without
limitation, the implied warranties of merchantability, fitness for a particular purpose, and non-infringement, as well as any warranty arising from course of performance, course of dealing, or
usage in trade.
This document contains information on products, services and/or processes in development. All information provided here is subject to change without notice. Contact your Intel
representative to obtain the latest forecast, schedule, specifications and roadmaps.
The products and services described may contain defects or errors which may cause deviations from published specifications.
Intel, the Intel logo, and Xeon are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or other countries.
*Other names and brands maybe claimed as the property of others.
© Intel Corporation. All Rights Reserved.
Printed in USA
0319/ED/123E
Please Recycle
331109-008US
TECHNICAL FEATURES
Operating Temperature
0 °C to 55 °C (32 °F to 131 °F)
Air Flow
150 LFM minimun required
For LR4 the following is required:
• 55 °C @ 400 LFM
• 50 °C @ 250 LFM
• 45 °C @ 150 LFM
Storage Temperature
-40 °C to 70 °C (-40 °F to 158 °F )
Storage Humidity
Maximum: 90% non-condensing
relative humidity at 35 °C
LED Indicators
LINK (solid) and ACTIVITY (blinking)
LINK SPEED (green = 40Gbps; yellow = 10Gbps)
ADAPTER FEATURES
Data Rate Supported
Per Port
• DAC: 40GbE
• 4x SFP+ Breakout Cable: 10GbE
Bus Type
PCI Express v3.0 (8 GT/s)
Bus Width
PCI Express x8
Interrupt Levels
INTA, MSI, MSI-X
Hardware Certifications
FCC A, UL, CE, VCCI, BSMI, CTICK, KCC
Controller
Intel® Ethernet Controller XL710-BM2
POWER CONSUMPTION
SKU
Typical Power
Maximum Power
Single-port 40GBASE-CR4
3.4 W
3.8 W
Single-port 40GBASE-SR4
4.2 W
4.6 W
Single-port 40GBASE-LR4
6.6 W
7.5 W
Dual-port 40GBASE-CR4
3.6 W
4.0 W
Dual-port 40GBASE-SR4
4.9 W
5.6 W
Dual-port 40GBASE-LR4
8.5 W
9.5 W
PHYSICAL DIMENSIONS
Dimension
167mm x 69mm
PRODUCT ORDER CODE
Configuration
Product Code
Single Port
XL710QDA1, XL710QDA1BLK
Dual Port
XL710QDA2, XL710QDA2BLK
Product Information
For information about Intel® Ethernet Products, visit:
intel.com/ethernetproducts
Warranty
Intel limited lifetime hardware warranty, 90-day money-back
guarantee (U.S. and Canada) and worldwide support.
Customer Support
For customer support options in North America visit:
intel.com/content/www/us/en/support/contact-support.html
SUPPORTED OPERATING SYSTEMS
For a complete list of supported network operating systems for
Intel® Ethernet 700 Series Adapters visit:
intel.com/support/EthernetOS
INTEL® ETHERNET ACCESSORIES
Intel® Ethernet Optics and Cables are proven, reliable solutions for
high-density Ethernet connections. Combine these accessories with
Intel® Ethernet 700 Series and 500 Series Network Adapters for
dependable interoperability and consistent performance across the
network. Learn more at
intel.com/ethernetproducts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com