Electronic Components Datasheet Search
  English  ▼

X  

HM4801 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4801
Description  Over voltage and over current protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4801 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4801 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 / 6
Typical Application
Pin Configuration and Function
Fig.2
Table 2
Fig.3
Pin configuration (Top view)
NO.
Symbol
Type
Description
1
PROADJ
INPUT
Over voltage options pin
2
EN
INPUT
Enable pin. Active Low.
3
GND
GROUND Ground
4
FLAG
OUTPUT Flag Pin. Open-Drain, Active low if any OVP, OTP occur.
5/6
VOUT
OUTPUT Output pin. Connect to load.
7/8
NC
9(Bottom pad) VIN
POWER
Input pin. A 10uF low ESR ceramic capacitor or larger must be
connected as close as to this pin. It is recommended to use 50V
capacitor or according to application.
HM4801



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com