Electronic Components Datasheet Search
  English  ▼

X  

HM4801 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4801
Description  Over voltage and over current protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4801 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4801 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 / 6
Functional Block Diagra
Fig.4
Absolute Maximum Ratings
Table 3
Parameter
Symbol
Value
Unit
Input voltage (ACIN pin)
VIN
-0.3 ~ 30
V
Output voltage (VOUT pin)
VOUT
-0.3 ~ 30
V
Junction temperature
TJ
150
℃
Storage temperature
Tstg
-55 ~ 150
℃
ESD Ratings
HBM
±3000
V
MM
±200
V
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute
Maximum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Recommend Operating Conditions
Table 4
(Ta=25℃, unless otherwise noted)
Parameter
Symbol
Value
Unit
Input voltage
VIN
3.5 ~ 30
V
Output current
IOUT
3.5
A
Ambient operating temperature
Topr
-40 ~ 85
℃
HM4801



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com