Electronic Components Datasheet Search
  English  ▼

X  

28F640P3 Datasheet(PDF) 41 Page - Intel Corporation

Part # 28F640P3
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F640P3 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 28F640P3 Datasheet HTML 37Page - Intel Corporation 28F640P3 Datasheet HTML 38Page - Intel Corporation 28F640P3 Datasheet HTML 39Page - Intel Corporation 28F640P3 Datasheet HTML 40Page - Intel Corporation 28F640P3 Datasheet HTML 41Page - Intel Corporation 28F640P3 Datasheet HTML 42Page - Intel Corporation 28F640P3 Datasheet HTML 43Page - Intel Corporation 28F640P3 Datasheet HTML 44Page - Intel Corporation 28F640P3 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
41
Note:
WAIT is driven per OE# assertion during synchronous array or non-array read. WAIT asserted during
initial latency and deasserted during valid data (RCR[10] = 0, Wait asserted low).
7.4
AC Write Specifications
Figure 21.
Synchronous Burst-Mode Four-Word Read Timing
y
A
Q0
Q1
Q2
Q3
R307
R10
R304
R305
R304
R4
R7
R17
R15
R9
R8
R303
R3
R106
R102
R105
R105
R101
R2
R306
R302
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]
Table 18.
AC Write Specifications (Sheet 1 of 2)
Num
Symbol
Parameter
Min
Max
Units
Notes
W1
t
PHWL
RST# high recovery to WE# low
150
-
ns
1,2,3
W2
t
ELWL
CE# setup to WE# low
0
-
ns
1,2,3
W3
t
WLWH
WE# write pulse width low
50
-
ns
1,2,4
W4
t
DVWH
Data setup to WE# high
50
-
ns
1,2
W5
t
AVWH
Address setup to WE# high
50
-
ns
W6
t
WHEH
CE# hold from WE# high
0
-
ns
W7
t
WHDX
Data hold from WE# high
0
-
ns
W8
t
WHAX
Address hold from WE# high
0
-
ns
W9
t
WHWL
WE# pulse width high
20
-
ns
1,2,5
W10
t
VPWH
VPP setup to WE# high
200
-
ns
1,2,3,7
W11
t
QVVL
VPP hold from Status read
0
-
ns
W12
t
QVBL
WP# hold from Status read
0
-
ns
1,2,3,7
W13
t
BHWH
WP# setup to WE# high
200
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com