Electronic Components Datasheet Search
  English  ▼

X  

28F640P3 Datasheet(PDF) 52 Page - Intel Corporation

Part # 28F640P3
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F640P3 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 28F640P3 Datasheet HTML 48Page - Intel Corporation 28F640P3 Datasheet HTML 49Page - Intel Corporation 28F640P3 Datasheet HTML 50Page - Intel Corporation 28F640P3 Datasheet HTML 51Page - Intel Corporation 28F640P3 Datasheet HTML 52Page - Intel Corporation 28F640P3 Datasheet HTML 53Page - Intel Corporation 28F640P3 Datasheet HTML 54Page - Intel Corporation 28F640P3 Datasheet HTML 55Page - Intel Corporation 28F640P3 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
52
Order Number: 306666, Revision: 001
Write
0x10
Alternate Word
Program Setup
Equivalent to the Word Program Setup command, 0x40.
0xE8
Buffered Program
This command loads a variable number of words up to the buffer size of 32
words onto the program buffer.
0xD0
Buffered Program
Confirm
The confirm command is Issued after the data streaming for writing into the
buffer is done. This instructs the WSM to perform the Buffered Program
algorithm, writing the data from the buffer to the flash memory array.
0x80
BEFP Setup
First cycle of a 2-cycle command; initiates Buffered Enhanced Factory
Program mode (BEFP). The CUI then waits for the BEFP Confirm command,
0xD0, that initiates the BEFP algorithm. All other commands are ignored when
BEFP mode begins.
0xD0
BEFP Confirm
If the previous command was BEFP Setup (0x80), the CUI latches the address
and data, and prepares the device for BEFP mode.
Erase
0x20
Block Erase Setup
First cycle of a 2-cycle command; prepares the CUI for a block-erase
operation. The WSM performs the erase algorithm on the block addressed by
the Erase Confirm command. If the next command is not the Erase Confirm
(0xD0) command, the CUI sets Status Register bits SR[4] and SR[5], and
places the device in read status register mode.
0xD0
Block Erase Confirm
If the first command was Block Erase Setup (0x20), the CUI latches the
address and data, and the WSM erases the addressed block. During block-
erase operations, the device responds only to Read Status Register and Erase
Suspend commands. CE# or OE# must be toggled to update the Status
Register in asynchronous read. CE# or ADV# must be toggled to update the
Status Register Data for synchronous Non-array reads
Suspend
0xB0
Program or Erase
Suspend
This command issued to any device address initiates a suspend of the
currently-executing program or block erase operation. The Status Register
indicates successful suspend operation by setting either SR[2] (program
suspended) or SR[6] (erase suspended), along with SR[7] (ready). The Write
State Machine remains in the suspend mode regardless of control signal states
(except for RST# asserted).
0xD0
Suspend Resume
This command issued to any device address resumes the suspended program
or block-erase operation.
Block Locking/
Unlocking
0x60
Lock Block Setup
First cycle of a 2-cycle command; prepares the CUI for block lock configuration
changes. If the next command is not Block Lock (0x01), Block Unlock (0xD0),
or Block Lock-Down (0x2F), the CUI sets Status Register bits SR[4] and SR[5],
indicating a command sequence error.
0x01
Lock Block
If the previous command was Block Lock Setup (0x60), the addressed block is
locked.
0xD0
Unlock Block
If the previous command was Block Lock Setup (0x60), the addressed block is
unlocked. If the addressed block is in a lock-down state, the operation has no
effect.
0x2F
Lock-Down Block
If the previous command was Block Lock Setup (0x60), the addressed block is
locked down.
Protection
0xC0
Program Protection
Register Setup
First cycle of a 2-cycle command; prepares the device for a Protection Register
or Lock Register program operation. The second cycle latches the register
address and data, and starts the programming algorithm
Configuration
0x60
Read Configuration
Register Setup
First cycle of a 2-cycle command; prepares the CUI for device read
configuration. If the Set Read Configuration Register command (0x03) is not
the next command, the CUI sets Status Register bits SR[4] and SR[5],
indicating a command sequence error.
0x03
Read Configuration
Register
If the previous command was Read Configuration Register Setup (0x60), the
CUI latches the address and writes A[15:0] to the Read Configuration Register.
Following a Configure Read Configuration Register command, subsequent
read operations access array data.
Table 21.
Command Codes and Definitions (Sheet 2 of 2)
Mode
Code
Device Mode
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com