Electronic Components Datasheet Search
  English  ▼

X  

AH1014 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # AH1014
Description  Application Hints - Standalone high speed CAN transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AH1014 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button AH1014 Datasheet HTML 86Page - NXP Semiconductors AH1014 Datasheet HTML 87Page - NXP Semiconductors AH1014 Datasheet HTML 88Page - NXP Semiconductors AH1014 Datasheet HTML 89Page - NXP Semiconductors AH1014 Datasheet HTML 90Page - NXP Semiconductors AH1014 Datasheet HTML 91Page - NXP Semiconductors AH1014 Datasheet HTML 92Page - NXP Semiconductors AH1014 Datasheet HTML 93Page - NXP Semiconductors AH1014 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 121 page
background image
NXP Semiconductors
AH1014
Systems & Applications, Automotive Innovation Center
AH1014_v1.4_Application Hints TJA1042_43_48_51.doc
© NXP B.V. 2015. All rights reserved.
Rev. 01.40
— 27 April 2015
90 of 121
10. Appendix
10.1 Pin FMEA
This chapter provides an FMEA (Failure Mode and Effect Analysis) for typical failure
situations, when dedicated pins of the 3rd generation HS-CAN transceivers are short-
circuited to supply voltages like VBAT, VCC, GND or to neighbored pins or simply left open.
The individual failures are classified, due to their corresponding effects on the transceiver
and bus communication in Table 19.
Table 19. Classification of failure effects
Class
Effects
A
- Damage to transceiver
- Bus may be affected
B
- No damage to transceiver
- No bus communication possible
C
- No damage to transceiver
- Bus communication possible
- Corrupted node excluded from communication
D
- No damage to transceiver
- Bus communication possible
- Reduced functionality of transceiver
10.1.1 TJA1051
Table 20. TJA1051 FMEA matrix for pin short-circuits to VBAT and VCC
Pin
Short to VBAT
(12V … 40 V)
Short to VCC (5V)
Class
Remark
Class
Remark
(1) TXD
A
Limiting value exceeded
C
TXD clamped recessive
(2) GND
C
Node is left unpowered
C
VCC undervoltage detected;
TRX enters Off Mode and
behaves passive to the bus
(3) VCC
A
Limiting value exceeded
-
-
(4) RXD
A
Limiting value exceeded
C
RXD clamped recessive;
Bus communication may be
disturbed
(5) n.c.
-
-
-
-
(5) VIO
A
Limiting value exceeded
C
uC may be damaged, if VCC > VIO
(5) EN
A
Limiting value exceeded
D
Off Mode not selectable
(6) CANL
B
No bus communication
B
No bus communication
(7) CANH
D
Degration of EMC;
D
Degration of EMC;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com