Electronic Components Datasheet Search
  English  ▼

X  

AM2315 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM2315
Description  Digital temperature and humidity sensor AM2315 Product Manual
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM2315 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM2315 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Aosong(Guangzhou) Electronics Co.,Ltd.
TEL:020-36042809 / 36380552
www.aosong.com
- 1 -
1、Product Overview
AM2315 capacitive humidity sensing digital temperature and humidity sensor is one that contains the
temperature and humidity combined sensor has been calibrated digital signal output. Special temperature and
humidity acquisition technology, to ensure that the product has high reliability and excellent long-term
stability. The sensor includes a capacitive sensor wet components and an integrated high-precision
temperature measurement devices, and connected with a high-performance microprocessor. The product has
excellent quality, fast response, strong anti-jamming capability, and high cost.
AM2315 communication standard I2C communication. I2C communication standard communication
timing, the user can be directly linked to on the I2C communication bus, no additional wiring, simple to use.
Transmission of digital data output directly compensated by the temperature, humidity, temperature and
Check (CRC) and other digital information, the user does not need the digital output for the second
calculation, and no need for temperature compensation of the humidity, you can get an accurate temperature
and humidity information . Product of four leads, convenient connection, special packages according to user
needs.
Physical map
Dimensions (unit: mm)
2、Applications
HVAC air conditioners, dehumidifiers, testing and inspection equipment, consumer goods, automotive,
automation, data loggers, weather stations, home appliances, humidifiers, medical, and other related humidity
measurement and control.
3、Features
Completely interchangeable, low cost, long-term stability, relative humidity and temperature measurement,
long distance signal transmission, digital signal output, precise calibration, low power consumption, standard I
2C
bus digital interface.
4、Interface definition
4.1 AM2315 pin assignment
Table 1: AM2315 pin assignment
Pin
Color
Name
Description
1
Red
VDD
Power (3.3V-5.5V)
2
Yellow
SDA
Serial data, bidirectional
3
Black
GND
Ground
4
White
SCL
Serial Clock, input
Figure 1: AM2315wiring diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com