Electronic Components Datasheet Search
  English  ▼

X  

AM2315 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AM2315
Description  Digital temperature and humidity sensor AM2315 Product Manual
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM2315 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AM2315 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2315 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Aosong(Guangzhou) Electronics Co.,Ltd.
TEL:020-36042809 / 36380552
www.aosong.com
- 3 -
Table 4: AM2315 DC Characteristics。
Parameter
Condition
min
typ
max
Unit
Supply voltage
3.3
5
5.5
V
Power
[4]
Dormancy
10
15
µ
A
Measuring
500
µ
A
Average
300
µ
A
Low-level output
IOL
[5]
0
300
mV
High output
Rp<25 kΩ
90%
100%
VDD
Low input voltage
Decline
0
30%
VDD
Input High
Rise
70%
100%
VDD
Rpu
[6]
VDD = 5V
VIN = VSS
30
45
60
k
Ω
Output current
On
8
mA
Off
10
20
µ
A
Sampling period
2
S
7、I
2C Communication protocol
7.1 I
2C communication protocol introduced
7.1.1
I
2C About the bus
AM2315 and micro-processor control interface form of the I
2C serial bus, in this brief introduction
about the I
2C bus protocol standard. Due to space limitations, the agreement can not list the entire contents of
a deeper problem, please refer to the relevant information (refer to the Philips site inspection).
7.1.2
I
2C Bus Overview
Philips (Philips) at 20 years ago invented a simple two-way two-wire serial communication bus, the bus
is known as the Inter-I
2C bus. I2C bus has now become the industry standard solution for embedded
applications, is widely used in variety of microcontroller-based professional, consumer and
telecommunications products, as a control, diagnostics and power management bus. More in line with
standard I
2C bus devices can communicate with an I2C bus, without the need to address decoder.
I
2C bus only composed by the two signal lines, a serial data line SDA, the other root is the serial clock
line SCL. I
2C bus devices generally have their SDA and SCL pins are open-drain (or open collector) output
structure. Therefore, the actual use, SDA and SCL signal lines must be pull-up resistor (Rp, Pull-Up
Resistor). Pull-up resistor on the general value of 3 ~ 10 kΩ . Therefore, when the bus is free, the two signal
lines remain high, almost no current consumption; electrical compatibility, and supports a variety of different
voltage logic interface; different between the two can be directly connected to the bus, not require additional
conversion circuitry to support a variety of ways a master multi-slave communication is the most common
means of communication. It also supports dual-host communications, multi-host communications, and
broadcast mode, and so on.
I
2C typical configuration is shown in Figure 4。
[1] The accuracy of the factory test, the sensor at
25 ℃ and 5V, the accuracy of indicators under
the conditions tested, it does not include hysteresis
and non-linear, and only for non-condensing
environment.
[2] at 25 ℃ and 1m / s air flow conditions, to
reach 63% of first-order response time required.
[3] in volatile organic compounds, the values may
be higher. See manual application to store
information.
[4] This value is VDD = 5.0V, when the
temperature is 25 ℃, 2S / time, average
conditions.
[5] low output current.
[6] that pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com