Electronic Components Datasheet Search
  English  ▼

X  

AM79535-2DC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79535-2DC
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79535-2DC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79535-2DC Datasheet HTML 2Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 3Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 4Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 5Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 6Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 7Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 8Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 9Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Am7953X Data Sheet
ELECTRICAL CHARACTERISTICS
Note:
* P.G. = Performance Grade (–2 performance parameters are equivalent to –1 performance parameters, except where indicated).
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Analog (VTX) output impedance
3
Ω
4
Analog (VTX) output offset
0
°C to +70°C
–1*
–40
°C to +85°C
–1
–35
–30
–40
–35
+35
+30
+40
+35
mV
4
4
Analog (RSN) input impedance
300 Hz to 3.4 kHz
120
Ω
4
Longitudinal impedance at A or B
35
Overload level
Z2WIN =600 Ω to 900 Ω
4-wire
2-wire
–3.1
+3.1
Vpk
2
Transmission Performance, 2-Wire Impedance
2-wire return loss
(See Test Circuit D)
300Hz to 500Hz
500 Hz to 2.5 kHz
2.5 kHz to 3.4 kHz
26
26
20
dB
4, 10
Longitudinal Balance (2-Wire and 4-Wire, See Test Circuit C)
RL =600 Ω
Longitudinal to metallic L-T, L-4
300 Hz to 3.4 kHz
–1*
48
52
dB
Longitudinal to metallic L-T, L-4
200 Hz to 1 kHz:
Normal polarity
0
°C to +70°C
–2*
Normal polarity
–40
°C to +85°C
–2
Reverse polarity
–2
63
58
54
4
1kHz to 3.4kHz:
Normal polarity
0
°C to +70°C
–2*
Normal polarity
–40
°C to +85°C
–2
Reverse polarity
–2
58
54
54
4
Longitudinal signal generation 4-L
300 Hz to 800 Hz
300Hz to 800Hz
–1*
40
42
Longitudinal current capability per wire Active state
OHT state
25
18
mArms
4
Insertion Loss (2- to 4-Wire and 4- to 2-Wire, See Test Circuits A and B)
Gain accuracy
0 dBm, 1 kHz
0
°C to +70°C
0dBm, 1kHz
–40
°C to +85°C
0dBm, 1kHz
0
°C to +70°C
–1*
0dBm, 1kHz
–40
°C to +85°C
–1
–0.15
–0.20
–0.1
–0.15
+0.15
+0.20
+0.1
+0.15
dB
4
4
Variation with frequency
300 Hz to 3.4 kHz
(relative to 1 kHz):
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
4
Gain tracking
+7 dBm to –55 dBm:
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com