Electronic Components Datasheet Search
  English  ▼

X  

AM79535-2DC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79535-2DC
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79535-2DC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79535-2DC Datasheet HTML 10Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 11Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 12Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 13Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 14Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 15Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 16Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 17Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Am7953X Data Sheet
DC FEED CHARACTERISTICS
a. VA–VB (VAB) Voltage vs. Loop Current (Typical)
Notes:
1. Constant-current region:
Active state:
OHT state:
2. Anti-sat turn-on (Active state):
Anti-sat –1:
Anti-sat –2:
3. Open Circuit voltage (Active state):
4. Anti-sat –1 region:
5. Anti-sat –2 region:
I
L
2500
R
DC
------------
=
I
L
1
2
---
2500
R
DC
------------
•
=
V
AB
29.95 V
=
V
AB
1.082 V
BAT
15.149
–
=
V
AB
0.9 V
BAT
4.995,
–
=
V
AB
46.25 V,
=
V
BAT
56.9 V
<
V
BAT
56.9 V
≥
V
AB
46.25
I
L
R
DC
150.6
-------------
–
=
V
AB
0.9 V
BAT
4.995
–
I
L
R
DC
1128
------------
–
=
3
5
1
2
4
VBAT = –50 V
VBAT = –47.3 V
RDC = 62.5 kΩ
Active state
OHT state
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com