Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # SMF
Description  Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMF Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  SMF Datasheet HTML 1Page - HY ELECTRONIC CORP. SMF Datasheet HTML 2Page - HY ELECTRONIC CORP. SMF Datasheet HTML 3Page - HY ELECTRONIC CORP. SMF Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMF SERIES
Part number with C
donoteo Bi-Directional
(Note 5)
Test
Current
Stand-off
Voltage
Maximum Reverse
Leakage at VWM
(4)
Maximum Peak
Pulse Surge
Current
(3)
Maximum
Clamping Voltage
at IPPM
Uni
Uni
Bi
Min
Max
IT (mA)
VWM (V)
ID (µA)
IPPM (A)
VC (V)
SMF5.0 (C)A
KE
AE
6.40
7.00
10
5.0
400
21.70
9.2
SMF6.0 (C)A
KG
AG
6.67
7.37
10
6.0
400
19.40
10.3
SMF6.5 (C)A
KK
AK
7.22
7.98
10
6.5
250
17.90
11.2
SMF7.0 (C)A
KM
AM
7.78
8.60
10
7.0
100
16.70
12.0
SMF7.5 (C)A
KP
AP
8.33
9.21
1.0
7.5
50
15.50
12.9
SMF8.0 (C)A
KR
AR
8.89
9.83
1.0
8.0
25
14.70
13.6
SMF8.5 (C)A
KT
AT
9.44
10.40
1.0
8.5
10
13.90
14.4
SMF9.0 (C)A
KV
AV
10.00
11.10
1.0
9.0
5.0
13.00
15.4
SMF10 (C)A
KX
AX
11.10
12.30
1.0
10
2.5
11.80
17.0
SMF11 (C)A
KZ
AZ
12.20
13.50
1.0
11
2.5
11.00
18.2
SMF12 (C)A
LE
BE
13.30
14.70
1.0
12
2.5
10.10
19.9
SMF13 (C)A
LG
BG
14.40
15.90
1.0
13
1.0
9.30
21.5
SMF14 (C)A
LK
BK
15.60
17.20
1.0
14
1.0
8.60
23.2
SMF15 (C)A
LM
BM
16.70
18.50
1.0
15
1.0
8.20
24.4
SMF16 (C)A
LP
BP
17.80
19.70
1.0
16
1.0
7.70
17.0
SMF17 (C)A
LR
BR
18.90
20.90
1.0
17
1.0
7.20
27.6
SMF18 (C)A
LT
BT
20.00
22.10
1.0
18
1.0
6.80
29.2
SMF20 (C)A
LV
BV
22.20
24.50
1.0
20
1.0
6.20
32.4
SMF22 (C)A
LX
BX
24.40
26.90
1.0
22
1.0
5.60
35.5
SMF24 (C)A
LZ
BZ
26.70
29.50
1.0
24
1.0
5.10
38.9
SMF26 (C)A
ME
CE
28.90
31.90
1.0
26
1.0
4.80
42.1
SMF28 (C)A
MG
CG
31.10
34.40
1.0
28
1.0
4.40
45.4
SMF30 (C)A
MK
CK
33.30
36.80
1.0
30
1.0
4.10
48.4
SMF33 (C)A
MM
CM
36.70
40.60
1.0
33
1.0
3.80
53.30
SMF36 (C)A
MP
CP
40.00
44.20
1.0
36
1.0
3.40
58.10
SMF40 (C)A
MR
CR
44.40
49.10
1.0
40
1.0
3.10
64.50
SMF43 (C)A
MT
CT
47.80
52.80
1.0
43
1.0
2.90
69.40
SMF45 (C)A
MV
CV
50.00
55.30
1.0
45
1.0
2.80
72.70
SMF48 (C)A
MX
CX
53.30
58.90
1.0
48
1.0
2.60
77.40
SMF51 (C)A
MZ
CZ
56.70
62.70
1.0
51
1.0
2.40
82.40
SMF54 (C)A
NE
DE
60.00
66.30
1.0
54
1.0
2.30
87.10
SMF58 (C)A
NG
DG
64.40
71.20
1.0
58
1.0
2.20
93.60
SMF60 (C)A
NK
DK
66.70
73.70
1.0
60
1.0
2.10
96.80
SMF64 (C)A
NM
DM
71.10
78.60
1.0
64
1.0
2.00
103.00
SMF70 (C)A
NP
DP
77.80
86.00
1.0
70
1.0
1.80
113.00
SMF75 (C)A
NR
DR
83.30
92.10
1.0
75
1.0
1.70
121.00
SMF78 (C)A
NT
DT
86.70
95.80
1.0
78
1.0
1.60
126.00
SMF85 (C)A
NV
DV
94.40
104.0
1.0
85
1.0
1.50
137.00
SMF90 (C)A
NX
DX
100.0
111.0
1.0
90
1.0
1.40
146.00
SMF100 (C)A
NZ
DZ
111.0
123.0
1.0
100
1.0
1.30
162.00
SMF110 (C)A
PE
EE
122.0
135.0
1.0
110
1.0
1.20
177.00
SMF120 (C)A
PG
EG
133.0
147.0
1.0
120
1.0
1.00
193.00
SMF130 (C)A
PK
EK
144.0
159.0
1.0
130
1.0
1.00
209.00
SMF150 (C)A
PM
EM
167.0
185.0
1.0
150
1.0
0.80
243.00
SMF160 (C)A
PP
EP
178.0
197.0
1.0
160
1.0
0.80
259.00
SMF170 (C)A
PR
ER
189.0
209.0
1.0
170
1.0
0.70
275.00
2.Surge current waveform 10 / 1000 μS.
3.For bi-directional types with VWM of 10 V and less, the ID limit is doubled
4.VF = 3.5 V at IF = 25 A (uni-directional only).VF = 3.5 V at IF = 25 A
5.Suffix C denotes Bi-directional device.
SMF*-7-99-00/01
Rev. 11, 18-May-2020
Marking Code
Breakdown Voltage at IT
2
V(BR) (V)
Notes:1.IT Pulse test : Tp ≦ 50ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com