Electronic Components Datasheet Search
  English  ▼

X  

1787577 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1787577
Description  DMCV 1,5/20-G1F-3,5-LR P20THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1787577 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1787577 Datasheet HTML 1Page - PHOENIX CONTACT 1787577 Datasheet HTML 2Page - PHOENIX CONTACT 1787577 Datasheet HTML 3Page - PHOENIX CONTACT 1787577 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Aug 30, 2011
Extract from the online
catalog
 
DMCV 1,5/20-G1F-3,5-LR P20THR
Order No.: 1787577
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1787577
 
 
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of
positions: 20, Pitch: 3.5 mm, Color: Black, Assembly: SMD/THT/THR
 
Commercial data
GTIN (EAN)
4
046356
597197
sales group
E100
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
07/12/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
10.6 mm
Height
12 mm
Pitch
3.5 mm
Dimension a
66.5 mm
Number of positions
20


Similar Part No. - 1787577

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1787500000 WEIDMULLER-1787500000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1787506 PHOENIX-1787506 Datasheet
108Kb / 4P
DMCV 1,5/13-G1F-3,5-LR P20THR
1787519 PHOENIX-1787519 Datasheet
108Kb / 4P
DMCV 1,5/14-G1F-3,5-LR P20THR
1787522 PHOENIX-1787522 Datasheet
108Kb / 4P
DMCV 1,5/15-G1F-3,5-LR P20THR
1787535 PHOENIX-1787535 Datasheet
173Kb / 9P
Printed-circuit board connector - DMCV 1,5/16-G1F-3,5-LR P20THR
More results

Similar Description - 1787577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787399 PHOENIX-1787399 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 2-G1F-3,5-LR P20THR
1787409 PHOENIX-1787409 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 3-G1F-3,5-LR P20THR
1787412 PHOENIX-1787412 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 4-G1F-3,5-LR P20THR
1787470 PHOENIX-1787470 Datasheet
108Kb / 4P
DMCV 1,5/10-G1F-3,5-LR P20THR
1787535 PHOENIX-1787535 Datasheet
173Kb / 9P
Printed-circuit board connector - DMCV 1,5/16-G1F-3,5-LR P20THR
1787564 PHOENIX-1787564 Datasheet
70Kb / 4P
Printed-circuit board connector - DMCV 1,5/19-G1F-3,5-LR P20THR
1787506 PHOENIX-1787506 Datasheet
108Kb / 4P
DMCV 1,5/13-G1F-3,5-LR P20THR
1787519 PHOENIX-1787519 Datasheet
108Kb / 4P
DMCV 1,5/14-G1F-3,5-LR P20THR
1787522 PHOENIX-1787522 Datasheet
108Kb / 4P
DMCV 1,5/15-G1F-3,5-LR P20THR
1787551 PHOENIX-1787551 Datasheet
108Kb / 4P
DMCV 1,5/18-G1F-3,5-LR P20THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com