Electronic Components Datasheet Search
  English  ▼

X  

1787577 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1787577
Description  DMCV 1,5/20-G1F-3,5-LR P20THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1787577 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1787577 Datasheet HTML 1Page - PHOENIX CONTACT 1787577 Datasheet HTML 2Page - PHOENIX CONTACT 1787577 Datasheet HTML 3Page - PHOENIX CONTACT 1787577 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMCV 1,5/20-G1F-3,5-LR P20THR Order No.: 1787577
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1787577
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Aug 30, 2011
Pin dimensions
0,8 x 0,8 mm
Pin spacing
5.50 mm
Hole diameter
1.4 mm
Technical data
Range of articles
DMCV 1,5/..-G1F-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Nominal voltage UN
160 V
Maximum load current
8 A
Insulating material
LCP
Inflammability class acc. to UL 94
V0
Color
Black
Diagrams/Drawings
Drilling plan/solder pad geometry



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com