Electronic Components Datasheet Search
  English  ▼

X  

116 Datasheet(PDF) 1 Page - Fluke Corporation

Part # 116
Description  Built in thermometer for HVAC applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

116 Datasheet(HTML) 1 Page - Fluke Corporation

  116 Datasheet HTML 1Page - Fluke Corporation 116 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data
Fluke 116
HVAC Multimeter
with Temperature and Microamps
Features include:
• BuiltinthermometerforHVACapplications
• Microampstotestflamesensors
• LoZ:helpspreventfalsereadingsduetoghostvoltage
• LargewhiteLEDbacklighttoworkinpoorlylitareas
• Resistance,continuity,frequencyandcapacitance
• Min/Max/Averagewithelapsedtimetorecordsignal
fluctuations
• Compactergonomicdesignforone-handedoperation
• Compatiblewithoptionalmagnetichanger(ToolPak™)
• CATIII600Vsafetyrated
Compact true-rms meter for
HVAC troubleshooting
The Fluke 116 was specifically designed
for the HVAC professional. It has every-
thing needed in an HVAC meter including
temperature and microamp measure-
ments to quickly troubleshoot problems
with HVAC equipment and flame sensors.
General specifications
Accuracyisspecifiedfor1yearaftercalibration,atoperating
temperaturesof18°Cto28°C,withrelativehumidityat
0%to90%.
Theaccuracyspecificationstaketheformof:
±([%ofreading]+[counts])
Maximum voltage between any
terminal and earth ground
600V
Surge protection
6kVpeakperIEC61010-1600V
CATIII,PollutionDegree2
Display
Digital:6,000counts,updates4/sec
Bar graph
33segments,updates32/sec
Operating temperature
-10°Cto+50°C
Storage temperature
-40°Cto+60°C
Battery
9voltAlkaline,NEDA1604A/
IEC6LR61
Battery life
400hourstypical,withoutbacklight
N10140
R
Actual size


Similar Part No. - 116

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
116 RENESAS-116 Datasheet
798Kb / 50P
RENESAS MCU
logo
Aries Electronics, Inc.
116 ARIES-116 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
RUKO GmbH Präzisionswe...
116 010 RUKO-116 010 Datasheet
1Mb / 6P
ROTARY BURRS
116 011 RUKO-116 011 Datasheet
1Mb / 6P
ROTARY BURRS
116 012 RUKO-116 012 Datasheet
1Mb / 6P
ROTARY BURRS
More results

Similar Description - 116

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX410 EXTECH-EX410 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
Compact SSRs Ideal for Built-in Applications
logo
Recom International Pow...
RACM65 RECOM-RACM65 Datasheet
556Kb / 6P
Suitable for built in Class II Applications
logo
Tyco Electronics
9400 MACOM-9400 Datasheet
202Kb / 2P
Single-pole relay used extensively in HVAC applications
logo
List of Unclassifed Man...
SDP1000 ETC2-SDP1000 Datasheet
431Kb / 10P
For cost sensitive HVAC and medical OEM applications
logo
Amphenol Corporation
T3000 AMPHENOL-T3000 Datasheet
98Kb / 4P
Accurate carbon dioxide transmitter for HVAC control applications
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
Humidity and Temperature Sensor for HVAC Applications
04-2023
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com