Electronic Components Datasheet Search
  English  ▼

X  

116 Datasheet(PDF) 2 Page - Fluke Corporation

Part # 116
Description  Built in thermometer for HVAC applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

116 Datasheet(HTML) 2 Page - Fluke Corporation

  116 Datasheet HTML 1Page - Fluke Corporation 116 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Accuracy specifications
2FlukeCorporation116HVACMultimeterwithTemperatureandMicroamps
Fluke Corporation
POBox9090,Everett,WAUSA98206
Fluke Europe B.V.
POBox1186,5602BD
Eindhoven,TheNetherlands
For more information call:
IntheU.S.A.(800)443-5853or
Fax(425)446-5116
InEurope/M-East/Africa(3140)2675200or
Fax(3140)2675222
InCanada(800)-36-FLUKEor
Fax(905)890-6866
Fromothercountries+1(425)446-5500or
Fax+1(425)446-5116
Webaccess:http://www.fluke.com
©2006FlukeCorporation.Allrightsreserved.
Specificationssubjecttochangewithoutnotice.
PrintedinU.S.A.8/20062634037D-EN-NRevB
Fluke.Keeping your world
up and running.™
Measurement
Range
Resolution
Accuracy ±([%ofreading]+[counts])
DC millivolts
600.0mV
0.1mV
0.5%+2
DC volts
6.000V
0.001V
0.5%+2
60.00V
0.01V
600.0V
0.1V
Auto volts
600.0V
0.1V
2.0%+3(dc,45Hzto500Hz)
4.0%+3(500Hzto1kHz)
AC millivolts1
true-rms
600.0mV
0.1mV
1.0%+3(dc,45Hzto500Hz)
2.0%+3(500Hzto1kHz)
AC volts1 true-rms 6.000V
0.001V
1.0%+3(45Hzto500Hz)
2.0%+3(500Hzto1kHz)
60.00V
0.01V
600.0V
0.1V
Continuity
600
Ω
1
Ω
Beeperon<20
Ωoff>250Ω;detects
opensorshortsof500µsorlonger.
Ohms
600.0
Ω
0.1
Ω
0.9%+2
6.000k
Ω
0.001k
Ω
0.9%+1
60.00k
Ω
0.01k
Ω
600.0k
Ω
0.1k
Ω
6.000M
Ω
0.001M
Ω
40.00M
Ω
0.01M
Ω
1.5%+2
Diode test
2.000V
0.001V
0.9%+2
Capacitance
1000nF
1nF
1.9%+2
10.00µF
0.01µF
100.0µF
0.1µF
9999µF
1µF
100µFto1000µF
1.9%+2
>1000µF
5%+20
Lo-Z capacitance
1nFto500µF
10%+2typical
Temperature2
(Type-K
thermocouple)
-40°Cto400°C
0.1°C
1%+102
-40°Fto752°F
0.2°F
1%+182
AC µamps
true-rms
(45 Hz to 500 Hz)
600.0µA
0.1µA
1.5%+3(2.5%+3>500Hz)
DC µamps
600.0µA
0.1µA
1.0%+2
Hz (V or A input)3
99.99Hz
0.01Hz
0.1%+2
999.9Hz
0.1Hz
9.999kHz
0.001kHz
50.00kHz
0.01kHz
Notes:
1AllacvoltagerangesexceptAuto-V/LoZarespecifiedfrom1%to100%ofrange.Auto-V/LoZisspecifiedfrom0.0V.
Becauseinputsbelow1%ofrangearenotspecified,itisnormalforthisandothertrue-rmsmeterstodisplaynon-
zeroreadingswhenthetestleadsaredisconnectedfromacircuitorareshortedtogether.Forvolts,crestfactorof
≤3
at4000counts,decreasinglinearlyto1.5atfullscale.ACvoltsisac-coupled.Auto-VLoZ,andacmVaredc-coupled.
2Temperatureuncertainty(accuracy)doesnotincludetheerrorofthethermocoupleprobe.
3Frequencyisaccoupled,5Hzto50kHzforacvoltage.Frequencyisdccoupled,45Hzto5kHzforaccurrent.
Ordering
information
Fluke-116
HVACMultimeter
withTemperature
andMicroamps
Included
TL75TestLeads,80BKIntegrated
TemperatureProbe,holster,User’s
manualand9Vbattery(installed).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com