Electronic Components Datasheet Search
  English  ▼

X  

DM93 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM93
Description  True RMS Industrial Multimeters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM93 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM93 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM93 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FLIR DM92/
DM93
True RMS Industrial Multimeters
FLIR’s DM92 and DM93 world-class digital multimeters offer advanced
variable frequency drive filtering to help you accurately analyze non-traditional
sine waves and noisy signals. No matter what electrical challenge you’re up
against, the DM92 and DM93’s powerful lighting and durable design will
make the job simple. The DM93 offers additional features including Bluetooth
technology to connect a compatible smartphone for remote viewing and
sharing, and METERLiNK technology, to wirelessly embed electrical readings
into radiometric infrared images on compatible FLIR thermal cameras.
Accurate readings.
Clearly analyze non-traditional sine wave and noisy signals
• Advanced variable frequency drive filtering and dual display shows voltage
and frequency at once
• True RMS voltage and current
• LoZ Mode eliminates ghost voltage error readings caused by long wires that
share a conduiT
Efficient illumination and design.
Constructed to make any electrical challenge easier to troubleshoot
Powerful LED worklights eliminate need for flashlight in dim lighting
• Durable double-molded construction (IP54, 3m Drop Test)
• Large, easy-to-read digits, backlit display and analog bargraph
Remote viewing and sharing (DM93 only).
Wireless data transfer
• Integrated Bluetooth technology connects to the FLIR Tools Mobile app on
compatible mobile devices
• METERLiNK technology wirelessly sends readings to compatible FLIR
infrared cameras, embedding the data into live and saved thermal images
• Data Record captures electrical measurements and provides wireless data
transfer
www.flir.com/test
DM92 and DM93 feature powerful LED worklights


Similar Part No. - DM93

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
National Semiconductor ...
DM9301 NSC-DM9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Pulse A Technitrol Comp...
DM9301 PULSE-DM9301 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9301F ETC-DM9301F Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results

Similar Description - DM93

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBX2252 ETC-DBX2252 Datasheet
175Kb / 2P
TRUE RMS LEVEL DETECTOR
logo
LEM
LH40 LEM-LH40 Datasheet
480Kb / 2P
True RMS AC/DC Clamp-on Multimeters
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
True RMS MultiMeters
EX520-S EXTECH-EX520-S Datasheet
415Kb / 1P
Industrial MultiMeters
logo
List of Unclassifed Man...
FLUKE-87-5 ETC2-FLUKE-87-5 Datasheet
937Kb / 2P
80 Series V Industrial True-RMS Multimeter with Temperature
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
True-rms Multimeter
logo
List of Unclassifed Man...
DM285 ETC1-DM285 Datasheet
756Kb / 2P
INDUSTRIAL IMAGING MULTIMETERS
logo
B&K Precision Corporati...
2831E BK-2831E Datasheet
2Mb / 5P
True RMS Bench Multimeters
logo
Fluke Corporation
287 FLUKE-287 Datasheet
2Mb / 88P
True-rms Digital Multimeters
Rev. 1, 7/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com