Electronic Components Datasheet Search
  English  ▼

X  

DM93 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM93
Description  True RMS Industrial Multimeters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM93 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM93 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM93 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical Summary
MAX Range
Basic Accuracy
DC Voltage
1000.0V
±0.05%
AC Voltage
1000.0V
±0.5%
VFD AC Voltage
1000.0V
±0.5%
DC Current
10.000A
±0.2%
AC Current
10.000A
±1.0%
Resistance
40.00MΩ
±0.2%
Continuity Threshold
30Ω
±0.2%
Frequency
100.00kHz
±5 Digits
Capacitance
40.00mF
±0.9%
Temperature
-328 to 2192°F, -200 to 1200°C
±1.0%
Diode Test
2V
±1.5%
General Information
Display Counts
40,000
IP Rating, Drop Test
IP 54, 3m (9.8’)
Category Rating
CAT IV-600V, CAT III-1000V
Battery Type
6 x AAA
Bluetooth Range Max (DM93 only)
32ft (10m)
Data Recording (DM93 only)
20,000 Pts (125 days max)
Memory
99 internal storage locations
Warranty
Limited Lifetime*
* When registered within 60 days of purchase.
www.flir.com
NASDAQ: FLIR
PORTLAND
Corporate Headquarters
FLIR Systems, Inc.
27700 SW Parkway Ave.
Wilsonville, OR 97070
USA
PH: +1 866.477.3687
BELGIUM
FLIR Commercial
Systems AB
Luxemburgstraat 2
2321 Meer
Belgium
PH: +32 (0) 3665 5100
CHINA
FLIR Systems (Shang-
hai) Co.,Ltd.
K301-302, No.26 Lane
168, Daduhe Road,
Putuo District, Shanghai
200062,P.R.China
PH: +86-21-5169 7628
Equipment described herein may require US Government authorization
for export purposes. Diversion contrary to US law is prohibited. Imagery
for illustration purposes only. Specifications are subject to change without
notice. ©2014 FLIR Systems, Inc. All rights reserved. (Created 09/14)
www.flir.com/test
Ordering Information
DM92 ................ True RMS Industrial Multimeter with VFD Mode
DM92-NIST....... DM92 with Certificate of Traceability to NIST
DM93 ................ True RMS Industrial Multimeter with VFD Mode and Bluetooth
DM93-NIST....... DM93 with Certificate of Traceability to NIST
Accessories
TA10................... Protective case for DM9x and IM7x Series
TA50 .................. Magnetic Hanging Strap
TA60 .................. Thermocouple adapter and Type K probe
TA70 .................. CAT IV Insulated Alligator Clips
TA80 .................. CAT IV Silicone Test Leads
BOSTON
FLIR Systems, Inc.
9 Townsend West
Nashua, NH 03663
USA
PH: +1 866.477.3687
Premium silicone test
leads included with both
meters
Magnetic hanging strap
and thermocouple probe
and adaptor included
with DM93



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com