Electronic Components Datasheet Search
  English  ▼

X  

FIDO5210BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # FIDO5210BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button FIDO5210BBCZ Datasheet HTML 8Page - Analog Devices FIDO5210BBCZ Datasheet HTML 9Page - Analog Devices FIDO5210BBCZ Datasheet HTML 10Page - Analog Devices FIDO5210BBCZ Datasheet HTML 11Page - Analog Devices FIDO5210BBCZ Datasheet HTML 12Page - Analog Devices FIDO5210BBCZ Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
fido5100/fido5200
Data Sheet
Rev. E | Page 12 of 19
THEORY OF OPERATION
DEVICE INTERFACES
Oscillator
The oscillator clock source is routed to an internal phase-locked
loop (PLL) to create the following clock sources:
•
25 MHz for the CLKOUT reference clock
•
50 MHz for the RMII reference clock
An oscillator used as a clock source requires a tighter tolerance.
TIMER0
TIMER1
TIMER2
TIMER3
TIMER4
TIMER5
TIMER6
TIMER7
INT0
INT1
XTAL0
XTAL1
INT2
F12 TIMER0
F11 TIMER1
F10 TIMER2
E12 TIMER3
E11 TIMER4
E10 TIMER5
D11 TIMER6
D10 TIMER7
C12 INT0
C11 INT1
C10 INT2
ASEMPC–
25.000MHZ–LR–T
LE
MBS
SIZE_32
E2
F2
G1
XTAL0
4
1
R28
22Ω
C25
0.01µF
25MHz
OUT
U5
OE
GND
G2
E3
_BGA
GND
+3V3
GND
Figure 7. Oscillator Clock Source Circuit
Crystal
When using the REM switch with a crystal, use an oscillator
pad configuration, as shown Figure 8.
XTAL1
XTAL0
RF
25MHz
CL
CL
REM
SWITCH
Figure 8. Crystal Clock Source Circuit
The values presented in the following list are typical for
operation when using a 25 MHz crystal:
•
ESR = 40 Ω
•
CL = 8 pF
•
RF = 1 MΩ
Reset Timing
The timing requirement for RESET is a minimum active low
time of 16 ns.
INTERNAL PRECISION TIMER
The REM switch includes an internal precision timer (IPT). The
IPT maintains a system time that has a resolution of 1 ns. Use
the IPT to trigger timer output events or capture input event
times on the TIMER0, TIMER1, TIMER2, and TIMER3 pins, or
to create a complex pulse pattern on the TIMER4, TIMER5,
TIMER6, and TIMER7 pins.
TIMER0 to TIMER3 Inputs/Outputs
TIMER0 to TIMER3 inputs/outputs can be configured to either
time stamp an input event or time trigger an output event.
When configured to time stamp an input event, the value of the
IPT is captured in a 64-bit register when the associated timer
signal transitions from low to high. User software reads this
register and uses the value to time stamp an associated event.
For example, when the TIMER0 signal transitions from low to
high, the value of the IPT is stored in the Timer 0, 64-bit
register (consult the REM Switch Software Driver User Guide,
available at www.analog.com/en/products/industrial-ethernet.html
for more details). The same is true when configuring TIMER1,
TIMER2, or TIMER3 to time stamp input events. User software
uses the generated time stamp to associate the time stored in the
64-bit register with a particular event.
When configured to time trigger an output event, the timer
signal toggles when the IPT reaches the value stored in the
Timer x, 64-bit register. The process of time triggering an
output event is as follows using the Timer 0 register in the
example:
1. The host processor software stores a value in the Timer 0,
64-bit register.
2. The IPT reaches that value stored in the Timer 0, 64-bit
register.
3. The TIMER0 pin toggles from high to low or low to high
(depending on its state when the 64-bit register was
loaded).
The same process is followed when the TIMER1, TIMER2, and
TIMER3 pins are configured to time trigger output events.
TIMER4 to TIMER7 Outputs
TIMER4 to TIMER7 outputs are configured to output independ-
ent, IPT clock synchronized, programmable, pulse-width
modulated signals. Each of these timers has a resolution of
16 ns. Each timer can have its own pulse-width modulation
program that allows an arbitrary number of rising and falling
edges, depending on the protocols that repeat on a programmable
interval. The software drivers for the REM switch provide the
capability to define the rising and falling edges for each
TIMERx output.
HOST INTERFACE
Multiplex Bus Select
The host interface supports a separate address bus and data bus
or a multiplexed address and data bus. The selection between
the two types of busses is provided by the MBS signal (Pin F2),
which is sampled on the rising edge of RESET. See Table 5 for
pin function descriptions for the MBS and RESET signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com