Electronic Components Datasheet Search
  English  ▼

X  

FSR400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FSR400
Description  Actuation Force as low as 0.1N and sensitivity range to 10N
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSR400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FSR400 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.interlinkelectronics.com
FSR 400 Data Sheet
Figure 1 - Typical Force Curve
Industry Segments
Game controllers
•
Musical instruments
•
Medical device controls
•
Remote controls
•
Navigation Electronics
•
Industrial HMI
•
Automotive Panels
•
Consumer Electronics
•
Interlink Electronics - Sensor Technologies
FSR 400 Series Round Force Sensing Resistor
Description
Interlink Electronics FSRTM 400
series is part of the single zone
Force Sensing ResistorTM family.
Force Sensing Resistors, or FSRs,
arerobustpolymerthickfilm(PTF)
devices that exhibit a decrease in
resistance with increase in force
applied to the surface of the sensor.
This force sensitivity is optimized
for use in human touch control of
electronic devices such as automotive
electronics, medical systems, and in
industrial and robotics applications.
The standard 400 sensor is a round
sensor 7.62mm in diameter. Custom
sensors can be manufactured in sizes
ranging from 5mm to over 600mm.
Female connector and short tail
versions can also be ordered.
Figure 2 - Typical Schematic
Features and Benefits
Actuation Force as low as 0.1N
•
and sensitivity range to 10N.
Easily customizable to a wide
•
range of sizes
Highly Repeatable Force Reading;
•
As low as 2% of initial reading
with repeatable actuation system
Cost effective
•
Ultra thin; 0.35mm
•
Robust; up to 10M actuations
•
Simple and easy to integrate
•


Similar Part No. - FSR400

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FSR420 DBLECTRO-FSR420 Datasheet
107Kb / 3P
Axial Leaded PTC FSR Series
logo
RFE international
FSR420F RFE-FSR420F Datasheet
111Kb / 2P
STRAP TYPE PPTC FSR Series
logo
Fuzetec Technology Co.,...
FSR420F FUZETEC-FSR420F Datasheet
73Kb / 3P
Axial Leaded PTC Resettable Fuse: FSR Series
logo
RFE international
FSR420F RFE-FSR420F Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results

Similar Description - FSR400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1Mb / 30P
Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
Tyco Electronics
T75 MACOM-T75 Datasheet
89Kb / 2P
High sensitivity ??nominal coil power requirement is as low as 212mW.
logo
List of Unclassifed Man...
ODISI-B5.0 ETC2-ODISI-B5.0 Datasheet
536Kb / 2P
Sensor lengths up to 20 meters and gage lengths as low as 1.3 mm
logo
PHOENIX CONTACT
2130004 PHOENIX-2130004 Datasheet
201Kb / 6P
UHV 25-AS/AS
2130017 PHOENIX-2130017 Datasheet
182Kb / 6P
UHV 50-AS/AS
2130046 PHOENIX-2130046 Datasheet
181Kb / 6P
UHV240-AS/AS
logo
Linear Technology
LTC4276 LINER-LTC4276 Datasheet
393Kb / 26P
Auxiliary Power Support as Low as 9V
logo
First Silicon Co., Ltd
FTK2312 FS-FTK2312 Datasheet
659Kb / 4P
low gate charge and operation with gate voltages as low as 2.5V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com