Electronic Components Datasheet Search
  English  ▼

X  

FSR400 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FSR400
Description  Actuation Force as low as 0.1N and sensitivity range to 10N
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSR400 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FSR400 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSR400 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.interlinkelectronics.com
Application Information
FSRs are two-wire devices with a resistance that depends on applied force.
ForspecificapplicationneedspleasecontactInterlinkElectronicssupportteam.
An integration guide is also available.
For a simple force-to-voltage conversion, the FSR device is tied to a measuring
resistorinavoltagedividerconfiguration(seeFigure3).Theoutputisdescribed
by the equation:
(
)
FSR
M
M
OUT
R
R
V
R
V
+
+
=
Intheshownconfiguration,theoutputvoltageincreaseswithincreasingforce.
If R
FSR and RM are swapped, the output swing will decrease with increasing force.
The measuring resistor, R
M, is chosen to maximize the desired force sensitivity
range and to limit current. Depending on the impedance requirements of the
measuring circuit, the voltage divider could be followed by an op-amp.
A family of force vs. V
OUT curves is shown on the graph below for a standard FSR
inavoltagedividerconfigurationwithvariousR
Mresistors.A(V+)of+5Vwas
used for these examples.
Figure 3
Contact Us
United States
Corporate Offices
Interlink Electronics, Inc.
546 Flynn Road
Camarillo, CA 93012, USA
Phone:+1-805-484-8855
Fax:+1-805-484-9457
Web: www.
interlinkelectronics.com
Sales and support:
fsr@interlinkelectronics.com
Japan
JapanSalesOffice
Phone:+81-45-263-6500
Fax:+81-45-263-6501
Web: www.interlinkelec.co.jp
Korea
KoreaSalesOffice
Phone:+821087761972
FSR 400
P/N: 30-49649



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com