Electronic Components Datasheet Search
  English  ▼

X  

FT602Q Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT602Q
Description  Supports USB 3.1 GEN 1 Super Speed (5Gbps) / USB 2.0 High Speed (480Mbps)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT602Q Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT602Q Datasheet HTML 1Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Copyright © Future Technology Devices International Limited
2
FT602Q IC Datasheet
Version 1.4
Document No.: FT001389
Clearance No.: FTDI#519
1 Typical Applications
USB 3.1 Digital Video Camera Interface
USB 3.1 Digital Camera
Medical/Industrial imaging devices
USB 3.1 Instrumentation
1.1 Driver Support
USB Video Class Driver
Windows 10
Windows 8.1
Windows 7
Mac OS-X
Linux
1.2 Ordering Information
Part Number
Package
FT602Q-B-x
76 Pin QFN 0.4mm Pitch, body 9mm x 9mm x 0.9mm
Table 1.1 Device Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (VQFN in 3000 pieces per reel)
-T: Tray packing, (VQFN in 260 pieces per tray)
For example: FT602Q-B-R is 3000 QFN pieces in taped and reel packaging
1.3 USB Compliance
The FT602Q is compliant with the USB 3.1 Gen 1 specification. Please contact us for further details on USB
compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com