Electronic Components Datasheet Search
  English  ▼

X  

FT602Q Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT602Q
Description  Supports USB 3.1 GEN 1 Super Speed (5Gbps) / USB 2.0 High Speed (480Mbps)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT602Q Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT602Q Datasheet HTML 1Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Copyright © Future Technology Devices International Limited
4
FT602Q IC Datasheet
Version 1.4
Document No.: FT001389
Clearance No.: FTDI#519
Table of Contents
1
Typical Applications............................................................2
1.1 Driver Support ................................................................................ 2
1.2 Ordering Information...................................................................... 2
1.3 USB Compliance .............................................................................. 2
2
Block Diagram ....................................................................3
3
Device Pin Out and Signal Description................................6
3.1 Device Pin Out ................................................................................ 6
3.2 Device Pin Out Signal Description ................................................... 6
4
Function Description ........................................................10
4.1 Key Features and Function Description ......................................... 10
4.2 Multi-Channel FIFO mode Protocols .............................................. 11
4.3 245 Synchronous FIFO mode Protocols......................................... 13
4.4 FIFO Bus AC Timing ...................................................................... 13
4.5 Crystal Requirements.................................................................... 14
4.6 I2C Interface ................................................................................. 14
5
Devices Characteristics and Ratings .................................15
5.1 Absolute Maximum Ratings........................................................... 15
5.2 ESD and Latch-up Specifications ................................................... 15
5.3 DC Characteristics......................................................................... 16
5.3.1 DC Characteristics (Ambient Temperature = -40°C to +85°C) ........................... 16
5.3.2 DC Characteristics for I/O Interface ................................................................ 17
6
USB Power Configurations................................................18
6.1 USB Bus-Powered Configuration .................................................. 18
6.2 Self-Powered Configuration .......................................................... 19
7
Application Example .........................................................20
7.1 FT602 Connect to FIFO Master Interface ...................................... 20
8
Package Parameters.........................................................22
8.1 QFN-76 Package Mechanical Dimensions ...................................... 22
8.2 QFN-76 Package Markings ............................................................ 23
8.3 Solder Reflow Profile .................................................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com