Electronic Components Datasheet Search
  English  ▼

X  

RS6513 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # RS6513
Description  2A, Asynchronous PWM Control DC/DC Step-Down Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS6513 Datasheet(HTML) 2 Page - Princeton Technology Corp

  RS6513 Datasheet HTML 1Page - Princeton Technology Corp RS6513 Datasheet HTML 2Page - Princeton Technology Corp RS6513 Datasheet HTML 3Page - Princeton Technology Corp RS6513 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS6513
V1.0
2
August 2013
APPLICATION CIRCUIT
Note: VOUT = VFB x (1+RA/RB)
RB=0.7K~5K ohm
VIN=12V, IMAX = 2A
VOUT
2.5V
3.3V
5V
L1 Value
22uH
27uH
33uH
ORDER INFORMATION
Device
Device Code
RS6513-XX Y Z
XX is nominal output voltage designator :
“Blank” =ADJ
Y is package designator:
S: SOP-8
Z is Lead Free designator:
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package
G: Green (Halogen Free with Commercial Standard)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com