Electronic Components Datasheet Search
  English  ▼

X  

RS6513 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # RS6513
Description  2A, Asynchronous PWM Control DC/DC Step-Down Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS6513 Datasheet(HTML) 3 Page - Princeton Technology Corp

  RS6513 Datasheet HTML 1Page - Princeton Technology Corp RS6513 Datasheet HTML 2Page - Princeton Technology Corp RS6513 Datasheet HTML 3Page - Princeton Technology Corp RS6513 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS6513
V1.0
3
August 2013
PIN ASSIGNMENTS
SOP-8
PIN DESCRIPTION
Pin Name
Description
Pin No.
FB
Feedback Pin
1
EN
POWER OFF Pin:
H: Normal operation (Step-down operation)
L: Step-down operation stopped (All circuits deactivated)
2
OCSET
Add an external resistor to set max output current
3
VCC
Power Supply Pin
4
OUTPUT
Switch Pin. Connect external inductor/diode here. Minimize trace area at this pin to reduce
EMI
5, 6
VSS
Ground Pin
7, 8
FUNCTION DESCRIPTION
PWM CONTROL
The RS6513 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of the
RS6513, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage produced by
the switching can easily be removed through a filter because the switching frequency remains constant. Therefore, these
converters provide a low-ripple power over broad ranges of input voltage and load current.
UNDER VOLTAGE LOCKOUT
The under voltage lockout circuit of the RS6513 assures that the high-side MOSFET driver outputs remain in the off state
whenever the supply voltage drops below 3.3V. Normal operation resumes once VCC rises above 3.5V.
RDS(ON) CURRENT LIMITING
The current limit threshold is setting by the external resistor connecting from VCC supply to OCSET. The internal 100uA
sink current crossing the resistor sets the voltage at the pin of OCSET. When the PWM voltage is less than the voltage at
OCSET, an over-current condition is triggered.
ILOAD× RDS(ON) =IOCSET ×ROCSET
See above formula for setting the current limit value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com