Electronic Components Datasheet Search
  English  ▼

X  

E71 Datasheet(PDF) 6 Page - Gilway Technical Lamp

Part # E71
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E71 Datasheet(HTML) 6 Page - Gilway Technical Lamp

  E71 Datasheet HTML 1Page - Gilway Technical Lamp E71 Datasheet HTML 2Page - Gilway Technical Lamp E71 Datasheet HTML 3Page - Gilway Technical Lamp E71 Datasheet HTML 4Page - Gilway Technical Lamp E71 Datasheet HTML 5Page - Gilway Technical Lamp E71 Datasheet HTML 6Page - Gilway Technical Lamp E71 Datasheet HTML 7Page - Gilway Technical Lamp E71 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Low Profile Surface Mount LEDs (standard package 1206)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
5
E530
Translucent
40.0mcd
70.0mcd
120°
1.85V
2.50V
660nm
C
Red
6
E531
Translucent
5.0mcd
12.0mcd
120°
2.00V
2.50V
625nm
D
Red
7
E532
Translucent
3.2mcd
8.0mcd
120°
2.10V
2.50V
590nm
D
Yellow
8
E533
Translucent
3.2mcd
8.0mcd
120°
2.20V
2.50V
565nm
D
Green
Tape & Reel packaging is standard, 2000 LEDs per reel.
Recommended Soldering Pad Page 84, number 9.
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• YELLOW
• GREEN
58
A
Low Profile Surface Mount LEDs (standard package 0805)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
1
E520
Translucent
40.0mcd
70.0mcd
120°
1.85V
2.50V
660nm
A
Red
2
E521
Translucent
5.0mcd
12.0mcd
120°
2.00V
2.50V
625nm
B
Red
3
E522
Translucent
3.2mcd
8.0mcd
120°
2.10V
2.50V
590nm
B
Yellow
4
E523
Translucent
3.2mcd
8.0mcd
120°
2.20V
2.50V
565nm
B
Green
Tape & Reel packaging is standard, 2000 LEDs per reel.
Recommended Soldering Pad Page 84, number 8.
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• YELLOW
• GREEN
B
A
C
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com