Electronic Components Datasheet Search
  English  ▼

X  

E71 Datasheet(PDF) 4 Page - Gilway Technical Lamp

Part # E71
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E71 Datasheet(HTML) 4 Page - Gilway Technical Lamp

  E71 Datasheet HTML 1Page - Gilway Technical Lamp E71 Datasheet HTML 2Page - Gilway Technical Lamp E71 Datasheet HTML 3Page - Gilway Technical Lamp E71 Datasheet HTML 4Page - Gilway Technical Lamp E71 Datasheet HTML 5Page - Gilway Technical Lamp E71 Datasheet HTML 6Page - Gilway Technical Lamp E71 Datasheet HTML 7Page - Gilway Technical Lamp E71 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Surface Mount LEDs with Resistor - 12V
Luminous Intensity Viewing
Current Range
Peak
Line
Part
Voltage Range
at 12VDC
Angle
at 12VDC
Wave Length
No.
No.
Lens
Minimum Maximum
Minimum Maximum
2
θθθθθ½
Minimum
Maximum
at 12VDC Drawing
1
E70-12V Translucent
9.5VDC
13.0VDC
20.0mcd
80.0mcd
120°
8mA
16mA
660nm
A
2
E71-12V Translucent
9.5VDC
13.0VDC
5.0mcd
20.0mcd
120°
8mA
16mA
625nm
B
3
E72-12V Translucent
9.5VDC
13.0VDC
3.2mcd
8.0mcd
120°
8mA
16mA
590nm
B
4
E73-12V Translucent
9.5VDC
13.0VDC
5.0mcd
12.5mcd
120°
8mA
16mA
565nm
B
Tape & Reel packaging is standard, 1500 LEDs per reel.
Recommended soldering pad, page 84, number 4.
B
A
• RED
• RED
• YELLOW
• GREEN
D
C
Surface Mount, Bi-Color LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Leads
Drawing
5
E76
Clear
12.5mcd
32.0mcd
120°
2.0V
2.5V
625nm
1.Red Cathode
C
12.5mcd
32.0mcd
120°
2.2V
2.5V
565nm
2.Red Anode
3.Green Cathode
4.Green Anode
6
E86
White
8.0mcd
50.0mcd
90°
2.0V
2.5V
625nm
1.Red Cathode
D
Diffused
8.0mcd
50.0mcd
90°
2.2V
2.5V
565nm
2.Red Anode
3.Green Cathode
4.Green Anode
• RED &
• GREEN
• RED &
• GREEN
Tape & Reel packaging is standard, 1500 LEDs (E76), 1000 LEDs (E86), per reel.
Recommended soldering pad: E76 - page 84, number 5; E86 - page 84, number 6.
56



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com