Electronic Components Datasheet Search
  English  ▼

X  

AS29F200T-70SC Datasheet(PDF) 19 Page - Alliance Semiconductor Corporation

Part # AS29F200T-70SC
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200T-70SC Datasheet(HTML) 19 Page - Alliance Semiconductor Corporation

Back Button AS29F200T-70SC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 18Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 19Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 20Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
®
$65<)533
$65<)533
$65<)533
$65<)533
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
4<
4<
4<
4<
3DFNDJH#GLPHQVLRQV
e
f
g
1
2
3
4
5
6
7
8
9
10
11
12
13
14
48
47
46
45
44
43
42
41
40
39
38
37
36
35
15
16
34
33
17
18
19
20
21
22
32
31
30
29
28
27
23
24
26
25
b
a
c
d
i
h
j
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
2
3
4
1
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
p
n
o
q
m
r
s
t
u
w
48-pin TSOP
44-pin SO
0–5°
0–8°
48-pin TSOP
min
(mm)
max
(mm)
a1.20
b0.25
c0.50
0.70
d
0.1
0.21
e
18.30
18.50
f
19.80
20.20
g
11.90
12.10
h0.95
1.05
i0.05
0.15
j0.50
44-pin SO
min
(mm)
max
(mm)
m
28.00
28.40
n0.35
0.50
o0.10
0.35
p2.17
2.45
q2.80
r1.27
s
13.10
13.50
t
15.70
16.30
u0.06
1.00
w0.10
0.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com