Electronic Components Datasheet Search
  English  ▼

X  

AS29F200T-70SC Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation

Part # AS29F200T-70SC
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200T-70SC Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button AS29F200T-70SC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 18Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 19Page - Alliance Semiconductor Corporation AS29F200T-70SC Datasheet HTML 20Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
$65<)533
$65<)533
$65<)533
$65<)533
®
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
53
53
53
53
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
2UGHULQJ#FRGHV
3DUW#QXPEHULQJ#V\VWHP
Package \ Access Time
55 ns
(commercial/industrial)
70 ns
(commercial/industrial)
90 ns
(commercial/industrial)
120 ns
(commercial/industrial)
TSOP, 12×20 mm, 48-pin
AS29F200B-55TC
AS29F200B-55TI
AS29F200B-70TC
AS29F200B-70TI
AS29F200B-90TC
AS29F200B-90TI
AS29F200B-120TC
AS29F200B-120TI
AS29F200T-55TC
AS29F200T-55TI
AS29F200T-70TC
AS29F200T-70TI
AS29F200T-90TC
AS29F200T-90TI
AS29F200T-120TC
AS29F200T-120TI
SO, 600 mil wide, 44-pin
AS29F200B-55SC
AS29F200B-55SI
AS29F200B-70SC
AS29F200B-70SI
AS29F200B-90SC
AS29F200B-90SI
AS29F200B-120SC
AS29F200B-120SI
AS29F200T-55SC
AS29F200T-55SI
AS29F200T-70SC
AS29F200T-70SI
AS29F200T-90SC
AS29F200T-90SI
AS29F200T-120SC
AS29F200T-120SI
AS29
X
200
X
–XXX
X
C
Flash EEPROM prefix
F = 5V
LV = 3V
LL = 2.5V
Device
number
B (bottom) or
T (top) boot block
Address access time
Package:
S= SO
T= TSOP
Temperature range
C =
Commercial, 0°C to 70 °C
I =
Industrial, -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com