Electronic Components Datasheet Search
  English  ▼

X  

WSF80N06 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF80N06
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF80N06 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF80N06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Characteristics
N-Ch MOSFET
WSF80N06
Page 3
www.winsok.tw
Dec.2014
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
V DS , Drain-to-Source Voltage (V)
Fig 2. Typical Output Characteristics
V GS , Gate-to-Source Voltage (V)
Fig 3. On-Resistance v.s. Gate Voltage
T j , Junction Temperature (
o C)
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
V SD , Source-to-Drain Voltage (V)
Fig 5. Forward Characteristic of
T j , Junction Temperature (
o C)
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
40
80
120
160
200
0
2
4
6
8
10
12
T C =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
20
40
60
80
100
0
1
2
3
4
5
6
T C = 150
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
8
10
12
14
16
2
4
6
8
10
I D = 30 A
T C =25
o C
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
I D =45A
V G =10V
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
T j =25
o C
T j =150
o C
0.3
0.7
1.1
1.5
-50
0
50
100
150



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com