Electronic Components Datasheet Search
  English  ▼

X  

WSP4067B Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4067B
Description  N&P-Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4067B Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4067B Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-
40
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.03
---
V/℃
VGS=-10V , ID=-
4A
---
40
50
RDS(ON)
Static Drain-Source On-Resistance
VGS=-4.5V , ID=-
3A
---
55
75
m
Ω
VGS(th)
Gate Threshold Voltage
-
1.0
-1.6
-
2.2
V
VGS=VDS , ID =-250uA
VDS=-
32V , VGS=0V , TJ=85℃
---
---
-1
IDSS
Drain-Source Leakage Current
VDS=-
32V , VGS=0V , TJ=85℃
---
---
-30
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
Qg
Total Gate Charge
---
20
---
Qgs
Gate-Source Charge
---
5.7
---
Qgd
Gate-Drain Charge
VDS=-
20V , VGS=-10V , ID=-5.1A
---
4.6
---
nC
Td(on)
Turn-On Delay Time
---
6.8
---
Tr
Rise Time
---
33
---
Td(off)
Turn-Off Delay Time
---
30
---
Tf
Fall Time
VDD=-
20V , VGS=-10V ,
RG=
3.3Ω,
ID=-
5.1A,RL=3.9Ω.
---
12
---
ns
Ciss
Input Capacitance
---
1100
---
Coss
Output Capacitance
---
100
---
Crss
Reverse Transfer Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
80
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
---
---
-
2.6
A
TA=25°C.
VSD
Diode Forward Voltage
VGS=0V , IS=-1A .
---
---
-1.
2
V
P-Channel Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WSP4067B
N&P-Channel MOSFET
Page 3
www.winsok.tw
Dec.2014
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The value in any given
application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com