Electronic Components Datasheet Search
  English  ▼

X  

WSP4067B Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4067B
Description  N&P-Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4067B Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4067B Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4067B Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rating
Symbol
Parameter
N-Channel P-Channel
Units
VDS
Drain-Source Voltage
40
-
40
V
VGS
Gate-Sou
rce Voltage
±
20
±
20
V
ID@TC=25℃
Continuous Drain Current
6.0
-
5.1
A
ID@TC=
70℃
Continuous Drain Current
3.9
-
3.2
A
IDM
Pulsed Drain Current
24
-
20
A
PD@TC=25℃
Total Power Dissipation
2
2
W
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
50
℃
/W
BVDSS
RDSON
ID
40V
25mΩ
6.0A
-
40V
40mΩ
-
5.1A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter.
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
Product Summery
WSP4067B
N&P-Channel MOSFET
Page 1
www.winsok.tw
Dec.2014
SOP-8 Pin Configuration
The WSP4067B is the highest performance
trench N-ch and P-ch MOSFET with
extreme high cell density , which provide
excellent RDSON and gate charge for most
of the synchronous buck converter
applications .
The WSP4067B meet the RoHS and Green
Product requirement , 100% EAS
guaranteed with full function reliability
approved.
Operating Temperature /Storage Temperature Range
-55 to 150
℃
TJ/TSTG


Similar Part No. - WSP4067B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
WSP4067 DOINGTER-WSP4067 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - WSP4067B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF6012 WIINSOK-WSF6012 Datasheet
1Mb / 8P
N&P-Channel MOSFET
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
N P Channel MOSFET
FDS8958 UMW-FDS8958 Datasheet
587Kb / 9P
NP-Channel MOSFET
IRF9389TR UMW-IRF9389TR Datasheet
466Kb / 13P
NP-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com