Electronic Components Datasheet Search
  English  ▼

X  

WSP4626 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4626
Description  N-Ch and P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4626 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4626 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rating
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
20
-
20
V
VGS
Gate-Sou
rce Voltage
±
10
±
12
V
ID@TA=25℃
Continuous Drain Current
6.7
-
4.4
A
ID@TA=70℃
Continuous Drain Current
5.3
-
3.5
A
IDM
Pulsed Drain Current
20
-
20
A
PD@TA=25℃
Total Power Dissipation
2.0
2.0
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
Thermal Resistance Junction-Ambient
---
62.5
℃
/W
BVDSS
RDSON
ID
20V
21mΩ
6.7A
-
20V
48mΩ
-
4.4A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
MB/NB/UMPC/VGA
DC-DC Power System
Inverter
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
The WSP4626 is the highest performance
trench N-ch and P-ch MOSFETs with extreme
high cell density , which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications .
The WSP4626 meet the RoHS and Green
Product requirement 100% EAS guaranteed
with full function reliability approved.
WSP4626
N-Ch and P-Channel MOSFET
Page 1
www.winsok.tw
Dec.2014
RthJA


Similar Part No. - WSP4626

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4620 WIINSOK-WSP4620 Datasheet
1,019Kb / 8P
N-Ch and P-Channel MOSFET
More results

Similar Description - WSP4626

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
N and P-Ch Trench MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD3045DN WIINSOK-WSD3045DN Datasheet
839Kb / 11P
N-Ch and P-Channel MOSFET
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSF3013 WIINSOK-WSF3013 Datasheet
700Kb / 10P
N-Ch and P-Channel MOSFET
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
N-Ch and P-Channel MOSFET
WSP4606 WIINSOK-WSP4606 Datasheet
1Mb / 8P
N-Ch and P-Channel MOSFET
WSP4608 WIINSOK-WSP4608 Datasheet
697Kb / 6P
N-Ch and P-Channel MOSFET
WSP4616 WIINSOK-WSP4616 Datasheet
839Kb / 8P
N-Ch and P-Channel MOSFET
WSP4620 WIINSOK-WSP4620 Datasheet
1,019Kb / 8P
N-Ch and P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com