Electronic Components Datasheet Search
  English  ▼

X  

WSP4626 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4626
Description  N-Ch and P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4626 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4626 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4626 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
VGS=
4.5V , ID=6A
---
21
28
RDS(ON)
Static Drain-Source On-Resistance
VGS=
2.5V , ID=5.2A
---
28
38
m
Ω
VGS(th)
Gate Threshold Voltage
0.4
0.72
1.2
V
VGS=VDS , ID =250uA
VDS=
20V , VGS=0V .
---
---
1
Drain-Source Leakage Current
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
Qg
Total Gate Charge
---
10
---
Qgs
Gate-Source Charge
---
1.4
---
Qgd
Gate-Drain Charge
VDS=
10V,VGS=4.5V,ID=6.5A.
---
3.2
---
nC
Td(on)
Turn-On Delay Time
---
14
---
Tr
Rise Time
---
10
---
Td(off)
Turn-Off Delay Time
---
34
---
Tf
Fall Time
VDD=1
5V,VGS=4.5V,RG=6Ω,
ID=
1A .
---
11
---
ns
Ciss
Input Capacitance
---
910
---
Coss
Output Capacitance
---
230
---
Crss
Reverse Transfer Capacitance
VDS=15V
,VGS=0V,f=1MHz .
---
163
---
pF
IS
Continuous Source Current
---
---
2.6
A
VG=VD=0V , Force Current
VSD
Diode Forward Voltage
VGS=0V , IS=1A.
---
---
1.2
V
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Page 2
www.winsok.tw
Dec.2014
WSP4626
N-Ch and P-Channel MOSFET
IDSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com