Electronic Components Datasheet Search
  English  ▼

X  

2563 Datasheet(PDF) 7 Page - B&K Precision Corporation

Part # 2563
Description  Digital Storage and Mixed Signal Oscilloscopes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

2563 Datasheet(HTML) 7 Page - B&K Precision Corporation

  2563 Datasheet HTML 1Page - B&K Precision Corporation 2563 Datasheet HTML 2Page - B&K Precision Corporation 2563 Datasheet HTML 3Page - B&K Precision Corporation 2563 Datasheet HTML 4Page - B&K Precision Corporation 2563 Datasheet HTML 5Page - B&K Precision Corporation 2563 Datasheet HTML 6Page - B&K Precision Corporation 2563 Datasheet HTML 7Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Digital Storage and Mixed Signal Oscilloscopes
2560 Series
7
www.bkprecision.com
v011719
Function/Arbitrary Waveform Generator (FG2560)
Waveforms
Sine, Square, Ramp, Pulse, DC, Noise,
Cardiac, Gaus Pulse, Exp Rise
Arbitrary
4 Slots for Arbitrary Waveforms
Maximum Output Frequency
25 MHz
Sample Rate
125 MSa/s
Frequency Resolution
1 μHz
Frequency Accuracy
±50 ppm
Vertical Resolution
14 bits
Amplitude Range
-1.5 to +1.5 V @ 50 Ω; -3 to +3 V @ 1 MΩ
Output Impedance
50 Ω ±2%
Protection
Short-Circuit Protection
Sine Characteristics
Frequency
1 μHz to 25 MHz
Offset Accuracy (100 kHz)
±(0.3 dB x Offset Setting Value + 1 mVpp)
Amplitude flatness
±0.3 dB
(100 kHz, 5 Vpp)
Spurious (non harmonics)
DC to 1 MHz: -60 dBc
1 MHz to 5 MHz: -55 dBc
5 MHz to 25 MHz: -50 dBc
Harmonic distortion
DC to 5 MHz: -50 dBc
5 MHz to 25 MHz: -45 dBc
Square/Pulse Characteristics
Frequency
1 μHz to 10 MHz
Duty Cycle
20% to 80%
Rise/Fall Time
< 24 ns (10% to 90%)
Overshoot (1 kHz, 1 Vpp Typical)
< 3%
Pulse Width
> 50 ns
Jitter
< 500 ps + 10 ppm
Ramp Characteristics
Frequency
1 μHz to 300 kHz
Linearity (Typical)
< 0.1% of Pk-Pk (Typical, 1 kHz, 1 Vpp,
100% Symmetry)
Symmetry
0% to 100% (Adjustable)
DC Characteristics
Offset Range
±1.5 V (50 Ω)
±3 V (High-Z)
Accuracy
±(|offset|*1%+3 mV)
Noise Characteristics
Bandwidth
> 25 MHz (-3 dB)
Arbitrary Wave Characteristics
Frequency
1 μHz to 5 MHz
Wave Length
16 kpts
Sample Rate
125 MSa/s
Serial Decoder (DC2560)
Threshold
-4.5 to 4.5 div
Recorded List
1 to 7 Lines
I2C Decoder
Signal
SCL, SDA
Address
7 bit, 10 bit
SPI Decoder
Signal
CLK, MISO, MOSI, CS
Edge Select
Rising, Falling
Idle Level
Low, High
Bit Order
MSB, LSB
UART / RS232 Decoder
Signal
RX, TX
Data Width
5, 6, 7, 8 bit
Parity Check
None, Odd, Even
Stop Bit
1, 1.5, 2 bit
Idle Level
Low, High
CAN Decoder
Signal
CAN_H, CAN_L
Source
CAN_H, CAN_L, CAN_H-CAN_L
LIN Decoder
Supported Specification
Ver1.3, Ver2.0
Specifications
MSO Digital Channels (LA2560/LP2560)
Digital Channels
16
Sample Rate
500 MSa/s
Memory Depth
14 Mpts/Ch
Maximum Input Voltage
± 20 Vpeak
Threshold Accuracy
± (3% of threshold setting + 150 mV)
Input Dynamic Range
± 10 V
Minimum Input Voltage Swing
800 mVpp
Input Impedance
100 kΩ || 18 pF
Maximum Input Frequency
60 MHz
Minimum Detectable Pulse
Width
8.3 ns
Ch to Ch Skew
± (1 digital sample interval)
User Defined Threshold Range
± 3 V in 10 mV steps
Threshold Selections
TTL, CMOS, LVCMOS3.3, LVCMOS2.5,
Custom (-3 to +3 V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com