Electronic Components Datasheet Search
  English  ▼

X  

2563 Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 2563
Description  Digital Storage and Mixed Signal Oscilloscopes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

2563 Datasheet(HTML) 2 Page - B&K Precision Corporation

  2563 Datasheet HTML 1Page - B&K Precision Corporation 2563 Datasheet HTML 2Page - B&K Precision Corporation 2563 Datasheet HTML 3Page - B&K Precision Corporation 2563 Datasheet HTML 4Page - B&K Precision Corporation 2563 Datasheet HTML 5Page - B&K Precision Corporation 2563 Datasheet HTML 6Page - B&K Precision Corporation 2563 Datasheet HTML 7Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Digital Storage and Mixed Signal Oscilloscopes
2560 Series
2
www.bkprecision.com
Front panel
USB host port
Connect your USB flash drive to
conveniently store and recall waveform
data, setups, and screenshots.
Auto setup
Vertical, horizontal, and trigger
controls are automatically
adjusted for fast signal display.
Advanced triggering
Isolate the signal with advanced triggering
including Edge, Slope, Pulse, Video, Window,
Interval, DropOut, Runt, and Pattern trigger types.
8-inch TFT-LCD display
8-inch high resolution TFT-LCD display lets
you see more details in your signal.
Serial Decoding
Decode and analyze I2C, SPI,
UART/RS232, CAN, and LIN
protocols and display results in
binary, decimal, hex, or ASCII in
real-time. Enabled with decode
upgrade or try 30 times for free
with each unit.
Intuitive channel operation
All channels in the 2560 Series are clearly
indicated by their own color, labeled on
the input, knobs, and display.
Rear panel
Kensington security slot
Helps to secure your oscilloscope
and prevent theft.
External trigger
Pass/Fail or Trig Out
Output
LAN and USB ports enable
remote control from a PC.
16-Channel Digital Ports
Connect a logic analyzer probe to
access 16 digital channels enabled
with MSO upgrade or try 30 times for
free with each unit.
Arbitrary Waveform
Generator Output
The 25 MHz waveform generator
is enabled with the generator
upgrade or try 30 times for free
with each unit.
AC line input and input
fuse holder



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com