Electronic Components Datasheet Search
  English  ▼

X  

BAS31 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAS31
Description  Small Signal Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS31 Datasheet(HTML) 4 Page - ON Semiconductor

  BAS31 Datasheet HTML 1Page - ON Semiconductor BAS31 Datasheet HTML 2Page - ON Semiconductor BAS31 Datasheet HTML 3Page - ON Semiconductor BAS31 Datasheet HTML 4Page - ON Semiconductor BAS31 Datasheet HTML 5Page - ON Semiconductor BAS31 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Performance Characteristics (Continued)
Figure 7. Forward Voltage vs. Ambient Temperature
VF - 1.0 μA - 10 mA (- 40 to +80°C)
Figure 8. Capacitance vs. Reverse Voltage
Figure 9. Reverse Recovery Time vs.
Reverse Recovery Current (Irr)
Figure 10. Average Rectified Current(IO) and
Forward Current (IF) vs. Ambient Temperature(TA)
Figure 11. Power Derating Curve
0.001 0.003
0.01
0.03
0.1
0.3
1
3
10
200
400
600
800
I - FORWARD CURRENT (mA)
F
Ta= 25°C
Ta= +80°C
Ta= -40°C
0
2
4
6
8
10
12
14
0.8
0.9
1
1.1
1.2
1.3
REVERSE VOLTAGE (V)
Ta= 25°C
15
11.5
22.5
3
20
30
40
50
Irr - REVERSE RECOVERY CURRENT (mA)
IF = IR = 30 mA
Rloop = 100 Ohms
050
100
150
0
100
200
300
400
500
T - AMBIENT TEMPERATURE ( C)
I
- FO
RW
ARD
CURRE
NT
S
TE
ADY
S
TA
TE
-
m
A
o
R
Io - AVERA
GE RECT
IFIED
CURRENT
- mA
A
0
50
100
150
200
0
100
200
300
400
500
I - AVERAGE TEMPERATURE ( C)
O
o
SOT-23 Pkg
www.onsemi.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com