Electronic Components Datasheet Search
  English  ▼

X  

BAS31 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS31
Description  Small Signal Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS31 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS31 Datasheet HTML 1Page - ON Semiconductor BAS31 Datasheet HTML 2Page - ON Semiconductor BAS31 Datasheet HTML 3Page - ON Semiconductor BAS31 Datasheet HTML 4Page - ON Semiconductor BAS31 Datasheet HTML 5Page - ON Semiconductor BAS31 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.onsemi.com
2
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
PD
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction-to-Ambient
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
VR
Breakdown Voltage
IR = 1.0 mA
120
V
VF
Forward Voltage
IF = 10 mA
750
mV
IF = 50 mA
840
mV
IF = 100 mA
900
mV
IF = 200 mA
1.00
V
IF = 400 mA
1.25
V
IR
Reverse Current
VR = 90 V
100
nA
VR = 90 V, TA = 150°C
100
μA
CT
Total Capacitance
VR = 0, f = 1.0 MHz
35
pF
trr
Reverse Recovery Time
IF = IR = 30 mA, IRR = 3.0 mA,
RL = 100 Ω
50
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com