Electronic Components Datasheet Search
  English  ▼

X  

4060B Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 4060B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4060B Datasheet(HTML) 2 Page - B&K Precision Corporation

  4060B Datasheet HTML 1Page - B&K Precision Corporation 4060B Datasheet HTML 2Page - B&K Precision Corporation 4060B Datasheet HTML 3Page - B&K Precision Corporation 4060B Datasheet HTML 4Page - B&K Precision Corporation 4060B Datasheet HTML 5Page - B&K Precision Corporation 4060B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4060B Series
2
www.bkprecision.com
Front panel
USB host port
Save/recall waveforms and
instrument setups
4.3-inch LCD
Anti-smudge touch screen display
makes it easy to jump to different
parameters on screen.
Numeric keypad
Input values directly
Rotary control knob
Increment and decrement
values quickly and precisely
Dedicated channel
output buttons
Channel outputs
Waveforms and
channel selection keys
Function keys
Adjust waveform parameters
and access built-in waveforms
Rear panel
LAN interface
USB interface
Universal AC input
No need to change fuses,
switches, or jumpers
Counter input
Measure frequencies
up to 200 MHz
Auxiliary input/output
Sync output, modulation input,
external trigger input/output
Chassis ground
10 MHz reference clock input/output
Synchronize output signals to a master time
base



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com