Electronic Components Datasheet Search
  English  ▼

X  

4060B Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 4060B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4060B Datasheet(HTML) 3 Page - B&K Precision Corporation

  4060B Datasheet HTML 1Page - B&K Precision Corporation 4060B Datasheet HTML 2Page - B&K Precision Corporation 4060B Datasheet HTML 3Page - B&K Precision Corporation 4060B Datasheet HTML 4Page - B&K Precision Corporation 4060B Datasheet HTML 5Page - B&K Precision Corporation 4060B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4060B Series
3
www.bkprecision.com
Operation highlights
The 4060B Series uses 16-bit sampling for enhanced resolution
resulting in lower distortion and more accurate waveforms.
16-bit vertical resolution
14-bit
16-bit
In DDS mode, these generators are capable of
producing arbitrary waveforms at a frequency up
to 20 MHz. DDS arbitrary waveforms can also
be combined with modulation, sweep, and burst
functions.
True arbitrary mode uses a variable clock signal to generate precise custom arbitrary waveforms without
skipping data points. As shown in the oscilloscope view above, the 8 million point arbitrary waveform is
accurately reproduced with high signal fidelity.
True arbitrary mode oscilloscope view
1 MHz Pulse
Low jitter
Generate precise true arbitrary waveforms
Custom true arbitrary waveform at 75 MSa/s, 8 Mpts
Built-in arbitrary waveform at 20 MHz, 300 MSa/s
Versatile DDS operation
Carrier
AM/DSB-AM/FM/
PM/PSK/FSK/ASK
PWM
Burst Sweep
Sine and Square
√
√
√
Triangle / Ramp
√
√
√
Pulse
√
√
Noise
√
Arbitrary
√
√
√
Modulation types and operating modes
These generators are capable of many different modulation types for various
applications.
High-performance pulse generator
This series is equipped with advanced digital
signal processing to reduce jitter and produce
clean pulse waveforms.
Sharp rise/fall times can be set from 8.4 ns up to
22.4 s with adjustment steps as small as 100 ps.
The pulse width is adjustable to a minimum of
16.3 ns. Shown above is the oscilloscope view
of the pulse width being incremented using the
generators rotary control knob.
1 MHz pulse
Low jitter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com