Electronic Components Datasheet Search
  English  ▼

X  

5335B Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 5335B
Description  Power Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5335B Datasheet(HTML) 2 Page - B&K Precision Corporation

  5335B Datasheet HTML 1Page - B&K Precision Corporation 5335B Datasheet HTML 2Page - B&K Precision Corporation 5335B Datasheet HTML 3Page - B&K Precision Corporation 5335B Datasheet HTML 4Page - B&K Precision Corporation 5335B Datasheet HTML 5Page - B&K Precision Corporation 5335B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Meter
5335B
2
www.bkprecision.com
Front panel
USB host port
4.3” color LCD display
Main measurement
function keys
Rotary control
knob
Power button
Rear panel
Current input
terminals
External sensor
interface
Voltage input
terminals
Menu keys
Navigation keys
GPIB interface
LAN
interface
AC input
RS232
interface
USB
interface
Trigger input
Intuitive user interface
The large 4.3 inch color LCD screen enables easy viewing of configuration and measurements. Use the dedicated function keys to select one of the 4 main
measurement modes: meter, harmonic, integral or oscilloscope. The results are displayed in numeric and graphical format. Screenshots can be saved directly to a
USB flash drive.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com