Electronic Components Datasheet Search
  English  ▼

X  

5335B Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 5335B
Description  Power Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5335B Datasheet(HTML) 3 Page - B&K Precision Corporation

  5335B Datasheet HTML 1Page - B&K Precision Corporation 5335B Datasheet HTML 2Page - B&K Precision Corporation 5335B Datasheet HTML 3Page - B&K Precision Corporation 5335B Datasheet HTML 4Page - B&K Precision Corporation 5335B Datasheet HTML 5Page - B&K Precision Corporation 5335B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Meter
5335B
3
www.bkprecision.com
Flexible operation
Harmonic measurement
Voltage, current, active power, reactive power and phase values of each harmonic can be measured
and displayed as a list or bar chart, enabling the user to quickly visualize and analyze the results. Total
harmonic distortion (THD) can be evaluated up to the 50th order with the ability to display individual
harmonic components.
Oscilloscope function
Displays waveforms of sampled voltage and
current.
Integration measurement
The integration function is useful for analyzing
bought and sold electrical energy of a grid tied
power systems. The 5335B meter provides current
integral and active power integral (Wh)
functionality using automatic range switching for
accurate measurement results.
List
Bar chart
Optional universal breakout box
The optional TLBB53 breakout box simplifies AC
line connection between the power meter and the
DUT, and eliminates the need to cut the power
cord and strip wires to connect to the power
meter. This breakout box supports easy plug in
connection and uses a universal socket to support
most plugs used worldwide. A circuit breaker/
switch is also provided for additional protection.
Motor testing
Many industrial products use PWM as a speed
control method. The 5335B is able to measure
input signals ranging from 0.5 Hz - 100 kHz and
input voltages up to 600 V. Current can be
monitored directly or by using external industry
standard sensors.
Current sensor input
Current measurements above 20 A are
supported by connecting an external current
sensor to the external sensor interface.
Example current transducers
To accommodate commonly available current
sensor types, users can select from the
50 mV - 2 V or 2.5 V - 10 V ranges.
External sensor interface
Motor
Current Sensor
Power Meter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com