Electronic Components Datasheet Search
  English  ▼

X  

9124 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 9124
Description  Programmable DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9124 Datasheet(HTML) 1 Page - B&K Precision Corporation

  9124 Datasheet HTML 1Page - B&K Precision Corporation 9124 Datasheet HTML 2Page - B&K Precision Corporation 9124 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
Programmable DC Power Supplies
9120A Series
Technical data subject to change
© B&K Precision Corp. 2017
www.bkprecision.com
Model
9120A
9121A
9122A
9123A
9124
Output Voltage
0 - 32 V
0 - 20 V
0 - 60 V
0 - 30 V
0 - 72 V
Output Current
0 - 3 A
0 - 5 A
0 - 2.5 A
0 - 5 A
0 - 1.2 A
The 9120A series are laboratory grade,
programmable DC Power Supplies providing
great performance and features not found in
other supplies in this price category. The power
supplies were designed to meet the needs of
today’s applications in R&D design verification,
production testing or university labs that require
clean and reliable power, high resolution/accuracy
and fast transient response time.
Features and Benefits
n
Excellent display resolution
n
Fast transient response time (< 150 µs)
n
SCPI compatible
n
Communicate via USB Interface, using
included USB to TTL serial converter cable
n
GPIB interface (model 9123A only)
n
Closed case calibration
n
Compact size for bench use or rack mountable
(2U x 1/2U size)
n
DVM and Milliohm Meter
n
Discrete Fault Indicator/Remote Inhibit
(DFI/RI). Useful for turning multiple power
supplies On/Off simultaneously
n
Application Software for front panel emulation
and simple test sequence generation included
n
Sheathed banana plug terminals for safety
Front Panel Operation
The numeric keys and rotary knob provide a
convenient interface for setting output levels
quickly and precisely. Voltage and current can
be set to a maximum resolution of 0.5 mV (2 mV
for 9124) and 0.1 mA respectively. Up to
50 parameters can be stored and recalled from
internal memory.
Extra Features
The 9120 series’ digital port offers a variety of
configurations. The port can operate in digital
I/O, external trigger and DFI/RI (Discrete Fault
Indicator/Remote Inhibit) mode. The RI feature
can be used for turning several power supplies
On/Off simultaneously. External triggering can
be used in combination with List mode.
The included application software supports front
panel emulation and allows users to generate
simple test sequences without the need to write
source code.
Additionally, the power supply comes with a
built-in 51/2 digit DVM and high resolution
milliohm meter supporting 4 wire measurements.
Remote Interface
The power supplies can be remotely controlled
from any PC through a USB (virtual com)
interface, allowing the user to program and
monitor all parameters through easy to use SCPI
commands. The power supplies come with a
USB to TTL serial converter. Additionally, model
9123A can be controlled via GPIB interface and
includes a GPIB to TTL conversion adapter cable.


Similar Part No. - 9124

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
9124 LEACH-9124 Datasheet
613Kb / 6P
CONTACTOR 3 PST, 50 AMP
logo
Cisco Systems, Inc.
9124 CISCO-9124 Datasheet
2Mb / 23P
Cisco Catalyst 9124AX Series Access Points
2023
logo
Enercon Technologies Eu...
9124 ENERCON-9124 Datasheet
746Kb / 3P
PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch
Jan 25, 2020
logo
MRV Communications, Inc...
9124-410G MRV-9124-410G Datasheet
2Mb / 4P
CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
logo
Altech corporation
91240 ALTECH-91240 Datasheet
221Kb / 4P
KU4000 Enclosure Series
More results

Similar Description - 9124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
Programmable DC Power Supplies
logo
Keysight Technologies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
Programmable DC Power Supplies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E3647A KEYSIGHT-E3647A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
Programmable DC Power Supplies
logo
B&K Precision Corporati...
1696B BK-1696B Datasheet
878Kb / 3P
Programmable DC Power Supplies
1785B BK-1785B Datasheet
605Kb / 1P
Programmable DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com