Electronic Components Datasheet Search
  English  ▼

X  

9124 Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 9124
Description  Programmable DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9124 Datasheet(HTML) 2 Page - B&K Precision Corporation

  9124 Datasheet HTML 1Page - B&K Precision Corporation 9124 Datasheet HTML 2Page - B&K Precision Corporation 9124 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Programmable DC Power Supplies
9120A Series
2
www.bkprecision.com
Encoder knob for quick
analog style control
Bright, dual LED displays
Numeric keys for direct entry of
voltage and current values
Remote Sense and digital
port functionality
Serial interface connector for USB
communication. Model 9123A also
supports control via GPIB interface.
Thermostatically controlled
cooling fan
User accessible fuse
DVM and mΩ meter
Rear Panel
Front Panel
Output ON/OFF
switch
4mm sheathed
safety banana jacks
The 9120 series uses 4mm
sheathed banana jacks that
accept sheathed or shrouded
banana plugs and meet the
latest international safety
standards.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com