Electronic Components Datasheet Search
  English  ▼

X  

8622 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 8622
Description  Programmable DC Electronic Loads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8622 Datasheet(HTML) 4 Page - B&K Precision Corporation

  8622 Datasheet HTML 1Page - B&K Precision Corporation 8622 Datasheet HTML 2Page - B&K Precision Corporation 8622 Datasheet HTML 3Page - B&K Precision Corporation 8622 Datasheet HTML 4Page - B&K Precision Corporation 8622 Datasheet HTML 5Page - B&K Precision Corporation 8622 Datasheet HTML 6Page - B&K Precision Corporation 8622 Datasheet HTML 7Page - B&K Precision Corporation 8622 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Programmable DC Electronic Loads
8600 Series
4
www.bkprecision.com
Flexible operation
List mode lets you generate more complex
sequences of input changes with several different
levels. Up to 7 groups of list files can be saved.
Each list can contain up to 84 steps with a
minimum width time of 20 µs per step.
List mode
Vd = Forward voltage of the LED
Rd = LED's operating resistance
Vo = Operating voltage across the LED
Io = Operating current across the LED
Use the load's unique CR-LED operating mode
to test LED drivers. This function allows users to
configure the LED's operating resistance and for-
ward voltage along with the voltage range (same
as CR operation) to simulate the loading behavior
of typical LEDs.
CR-LED mode
Figure - LED I-V Curve
R d
Io
I
Vd
Vo
V
Automatic test mode
The 8600 Series can execute multiple test
sequences in automatic test mode. Up to 100
different sequences can be linked to run steps of
various operating modes and loading conditions.
Each sequence can also be programmed with
upper and lower limit Pass/Fall criteria. When
applied in production testing, you can easily
judge whether the test parameters of your devices
are within the specification limits and adjust your
process according to the Pass/Fail verdict.
Transient operation
Transient operation enables the module to peri-
odically switch between two load levels. A power
supply's regulation and transient characteristic
can be evaluated by monitoring the supply's out-
put voltage under varying combinations of load
levels, frequency, duty cycle, and slew rate. Tran-
sient operation can simulate these conditions.
Low voltage operation
The 8600 Series can operate at low voltages for applications such as fuel cell and solar cell testing.
Typical minimum operating voltage at full scale current
8600
8601
8602
8610
8612
8614
8616
8620
8622
8624
8625
1.1 V
1.1 V
4.5 V
1.2 V
3.6 V
1.5 V
3.6 V
2 V
3 V
1.8 V
1.8 V
pass
pass
pass
fail
CC 1 A
CW 0.5 W
CV 3 V
CR 2 Ω
1 s
0.5 s
1.5 s
2.5 s
Slew Rate
A level
B level
t
A
t
A
Steps
Trigger
0
1 2 3 4
5 6
7 8
V
I
240
120
90
60
30
0
480
600
720
1
2
3
4
5
≈
≈
100
Voltage (V)
8600
8612
8602
8601
8616
8622
8610
8614
8620
8624
8625



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com