Electronic Components Datasheet Search
  English  ▼

X  

8622 Datasheet(PDF) 6 Page - B&K Precision Corporation

Part # 8622
Description  Programmable DC Electronic Loads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8622 Datasheet(HTML) 6 Page - B&K Precision Corporation

  8622 Datasheet HTML 1Page - B&K Precision Corporation 8622 Datasheet HTML 2Page - B&K Precision Corporation 8622 Datasheet HTML 3Page - B&K Precision Corporation 8622 Datasheet HTML 4Page - B&K Precision Corporation 8622 Datasheet HTML 5Page - B&K Precision Corporation 8622 Datasheet HTML 6Page - B&K Precision Corporation 8622 Datasheet HTML 7Page - B&K Precision Corporation 8622 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Programmable DC Electronic Loads
8600 Series
6
www.bkprecision.com
Specifications
Model
8600
8601
8602
Input ratings
Input voltage
0 – 120 V
0 – 120 V
0 – 500 V
Input
current
Low
0 – 3 A
0 – 6 A
0 – 3 A
High
0 – 30 A
0 – 60 A
0 – 15 A
Input power
150 W
250 W
200 W
Minimum
operating
voltage
Low
0.11 V at 3 A
0.18 V at 6 A
1 V at 3 A
High
1.1 V at 30 A
1.1 V at 60 A
4.5 V at 15 A
CV mode
Range
Low
0 – 18 V
0 – 50 V
High
0 – 120 V
0 – 500 V
Resolution
Low
0.1 mV
1 mV
High
1 mV
10 mV
Accuracy
Low
±(0.05%+
0.02% FS)
±(0.025%+
0.05% FS)
±(0.05%+
0.025% FS)
High
±(0.05%+
0.025% FS)
±(0.025%+
0.05% FS)
±(0.05%+
0.025% FS)
CC mode
Range
Low
0 – 3 A
0 – 6 A
0 – 3 A
High
0 – 30 A
0 – 60 A
0 – 15 A
Resolution
Low
0.1 mA
High
1 mA
Accuracy
Low
±(0.05%+0.05% FS)
High
±(0.05%+0.05% FS)
CR mode
Range
Low
0.05 Ω – 10 Ω
0.3 Ω – 10 Ω
High
10 Ω - 7.5 kΩ
Resolution
16 bit
Accuracy
(I>10% of
range)
Low
0.01%+0.08 S (12.5 Ω)
High
0.01%+0.0008 S (1250 Ω)
CW mode
Range
150 W
250 W
200 W
Resolution
10 mW
Accuracy
0.1% + 0.1% FS
0.2% + 0.2% FS
0.1% + 0.1% FS
Transient mode (CC mode)
T1 & T2 (1)
20 µs – 3600 s / Resolution: 10 µs
Accuracy
5 µs + 100 ppm
Slew Rate (2)
Low
0.001-2.5 A/ms
0.001-1 A/ms
High
0.001-2.5 A/µs
0.001-1 A/µs
Readback voltage
Range
Low
0 – 18 V
0 – 18 V
0 – 50 V
High
0 – 120 V
0 – 120 V
0 – 500 V
Resolution
Low
0.1 mV
1 mV
High
1 mV
10 mV
Accuracy
±(0.05%+0.05% FS)
Readback current
Range
Low
0 – 3 A
0 – 6 A
0 – 3 A
High
0 – 30 A
0 – 60 A
0 – 15 A
Resolution
Low
0.01 mA
0.1 mA
0.01 mA
High
0.1 mA
1 mA
0.1 mA
Accuracy
±(0.05%+
0.05% FS)
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
Readback power
Range
150 W
250 W
200 W
Resolution
10 mW
Accuracy
±(1%+0.1% FS) ±(0.2%+0.2% FS) ±(0.1%+0.1% FS)
Protection range (typical)
OPP
150 W
250 W
200 W
OCP
Low
3.3 A
6.6 A
3.3 A
High
33 A
66 A
16.5 A
OVP
120 V
120 V
500 V
OTP
185 ºF (85 °C)
Short circuit (typical)
Current (CC)
Low
3.3 A
6.6 A
3.3 A
High
33 A
66 A
16.5 A
Voltage (CV)
0 V
Resistance (CR)
35 mΩ
30 mΩ
300 mΩ
General (typical)
Input terminal impedance
150 kΩ
300 kΩ
1 MΩ
AC input
110 V/220 V ±10%, 50/60 Hz
Operating temperature
32 ºF to 104 ºF (0 °C to 40 °C)
Storage temperature
14 ºF to 140 ºF (-10 °C to 60 °C)
Humidity
Indoor use, ≤ 95%
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
Electromagnetic
compatibility
Meets EMC Directive 2004/108/EC, EN 61000-3-
2:2006, EN 61000-3-3:1995+A1:2001+A2:2005
EN 61000-4-2/-3/-4/-5/-6/-11, EN 61326-1:2006
Dimensions (W x H x D)
8.5” x 3.5” x 15.2” (218 x 90 x 387 mm)
Weight
9.9 lbs (4.5 kg)
Three-Year Warranty
Standard accessories
User manual, power cord, certificate of calibration &
test report
Optional accessories
TLPWR1 high current test leads, IT-E151 rackmount kit
(models 8600, 8601, and 8602 only)
(1) Fast pulse trains with large transitions may not be achievable.
(2) The slew rate specifications are not warranted, but are descriptions of typical
performance. The actual transition time is defined as the time for the input to change from
10% to 90%, or vice versa, of the programmed current values. In case of very large load
changes, e.g. from no load to full load, the actual transition time will be larger than the
expected time. The load will automatically adjust the slew rate to fit within the range (high or
low) that is closest to the programmed value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com