Electronic Components Datasheet Search
  English  ▼

X  

9201 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 9201
Description  Multi-Range Programmable DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9201 Datasheet(HTML) 4 Page - B&K Precision Corporation

  9201 Datasheet HTML 1Page - B&K Precision Corporation 9201 Datasheet HTML 2Page - B&K Precision Corporation 9201 Datasheet HTML 3Page - B&K Precision Corporation 9201 Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.bkprecision.com
Multi-Range Programmable DC Power Supplies
9200 Series
4
Specifications
v
031820
Model
9201
9202
9205
9206
Output Rating
Voltage
0-60 V
0-60 V
0-60 V
0-150 V
Current
0-10 A
0-15 A
0-25 A
0-10 A
Power
200 W
360 W
600 W
600 W
Line Regulation
Voltage
≤ 0.01%+5 mV
≤ 0.01%+8 mV
≤ 0.01%+15 mV
≤ 0.01%+15 mV
Current
≤ 0.05%+4 mA
≤ 0.05%+6 mA
≤ 0.1%+10 mA
≤ 0.05%+10 mA
Load Regulation
Voltage
≤ 0.01%+8 mV
≤ 0.01%+8 mV
≤ 0.01%+15 mV
≤ 0.01%+15 mV
Current
≤ 0.05%+6 mA
≤ 0.05%+6 mA
≤ 0.1%+10 mA
≤ 0.05%+10 mA
Ripple and Noise (20 Hz - 20 MHz)
Voltage
≤ 8 mVpp
≤ 15 mVpp
≤ 20 mVpp
≤ 50 mVpp
Current
≤ 6 mArms
≤ 8 mArms
≤ 15 mArms
≤ 15 mArms
Programming Resolution
Voltage
1 mV
1 mV
1 mV
1 mV
Current
0.1 mA
0.1 mA
0.1 mA
0.1 mA
Readback Resolution
Voltage
1 mV
1 mV
1 mV
1 mV
Current
0.1 mA
0.1 mA (<10 A)
1 mA (>10 A)
0.1 mA (<10 A)
1 mA (>10 A)
0.1 mA
Programming Accuracy ± (%output+offset)
Voltage
≤ 0.03%+5 mV
≤ 0.03%+5 mV
≤ 0.03%+5 mV
≤ 0.03%+20 mV
Current
≤ 0.1%+10 mA
≤ 0.1%+15 mA
≤ 0.1%+25 mA
≤ 0.1%+25 mA
Readback Accuracy ± (%output+offset)
Voltage
≤ 0.03%+5 mV
≤ 0.03%+5 mV
≤ 0.03%+5 mV
≤ 0.03%+20 mV
Current
≤ 0.1%+10 mA
≤ 0.1%+15 mA
≤ 0.1%+25 mA
≤ 0.1%+25 mA
General
Remote Sense Compensation
1 V
DVM Range
0-60 V
DVM Accuracy
0.02%+10 mV
DVM Resolution
1 mV
Standard Interface
USB (USBTMC-compliant), GPIB, RS-232
AC Input
110/220 VAC (+/- 10 %), 47 Hz - 63 Hz
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C)
Storage Temperature
-4 °F to 158 °F (-20 °C to 70 °C)
Dimensions (W×H×D)
8.45” x 3.47” x 13.96” (214.5 x 88.2 x 354.6 mm)
8.45” x 3.47” x 17.52” (214.5 x 88.2 x 445 mm)
Weight
16.98 lbs. (7.7 kg)
33.07 lbs. (15 kg)
Three-Year Warranty
Standard Accessories
User manual, power cord, & certificate of calibration
Optional Accessories
IT-E151 rack mount kit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com